Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8T33FS6222 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 8T33FS6222
Description  Two selectable differential PECL inputs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8T33FS6222 Datasheet(HTML) 2 Page - Integrated Device Technology

  8T33FS6222 Datasheet HTML 1Page - Integrated Device Technology 8T33FS6222 Datasheet HTML 2Page - Integrated Device Technology 8T33FS6222 Datasheet HTML 3Page - Integrated Device Technology 8T33FS6222 Datasheet HTML 4Page - Integrated Device Technology 8T33FS6222 Datasheet HTML 5Page - Integrated Device Technology 8T33FS6222 Datasheet HTML 6Page - Integrated Device Technology 8T33FS6222 Datasheet HTML 7Page - Integrated Device Technology 8T33FS6222 Datasheet HTML 8Page - Integrated Device Technology 8T33FS6222 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LOW VOLTAGE, 1:15 DIFFERENTIAL PECL CLOCK
DIVIDER AND FANOUT BUFFER
2
REVISION 1 2/2/15
8T33FS6222 DATA SHEET
.
Figure 1. 8T33FS6222 Logic Diagram
Figure 2. 52-Lead Package Pin Assignment
0
1
0
1
0
1
0
1
0
1
QA0
QA1
QB0
QB1
QB2
QC0
QC1
QC2
QC3
QD0
QD1
QD2
QD3
QD4
QD5
VBB
1
2
VEE
VEE
VEE
VEE
VEE
VEE
VEE
VCC
VCC
FSELA
CLK0
nCLK0
CLK1
nCLK1
CLK_SEL
FSELB
FSELC
MR
FSELD
52-pin, 10mm x 10mm TQFP Package
8T33FS6222
QD0
nQD0
QD1
nQD1
QD2
nQD2
QD3
nQD3
QD4
nQD4
QD5
nQD5
VCC
VCC
nQB2
QB2
nQB1
QB1
nQB0
QB0
VCC
nQA1
QA1
nQA0
QA0
VCC
39 38 37 36 35 34 33 32 31 30 29 28 27
26
25
24
23
22
21
20
19
18
17
16
15
14
123456789 10 11 12 13
40
41
42
43
44
45
46
47
48
49
50
51
52


Similar Part No. - 8T33FS6222

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T33FS6222 RENESAS-8T33FS6222 Datasheet
1Mb / 35P
   Low Voltage, 1:15 Differential PECL Clock Divider and Fanout Buffer
2/2/15
8T33FS6222EPGI RENESAS-8T33FS6222EPGI Datasheet
1Mb / 35P
   Low Voltage, 1:15 Differential PECL Clock Divider and Fanout Buffer
2/2/15
8T33FS6222EPGI8 RENESAS-8T33FS6222EPGI8 Datasheet
1Mb / 35P
   Low Voltage, 1:15 Differential PECL Clock Divider and Fanout Buffer
2/2/15
More results

Similar Description - 8T33FS6222

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S014I IDT-ICS853S014I Datasheet
248Kb / 20P
   Two selectable differential LVPECL clock inputs
8735-31 IDT-8735-31 Datasheet
350Kb / 21P
   Selectable differential clock inputs
853S111B IDT-853S111B Datasheet
342Kb / 25P
   Two selectable differential input pairs
ICS853S310I IDT-ICS853S310I Datasheet
844Kb / 17P
   Two selectable differential input pairs
IDT8SLVP2108I IDT-IDT8SLVP2108I Datasheet
967Kb / 22P
   Two differential clock inputs
8SLVP2106 IDT-8SLVP2106 Datasheet
521Kb / 24P
   Two differential clock inputs
IDT8SLVD1204I IDT-IDT8SLVD1204I Datasheet
440Kb / 18P
   Two selectable differential clock input pairs
8SLVD1204-33 IDT-8SLVD1204-33 Datasheet
377Kb / 18P
   Two selectable differential clock input pairs
DT8SLVD1204I IDT-DT8SLVD1204I Datasheet
440Kb / 18P
   Two selectable differential clock input pairs
logo
Agilent(Hewlett-Packard...
HDMP-1637A HP-HDMP-1637A Datasheet
256Kb / 16P
   Gigabit Ethernet SerDes Circuit with Differential PECL Clock Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com