Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P1103 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 5P1103
Description  Four banks of internal non-volatile in-system
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P1103 Datasheet(HTML) 1 Page - Integrated Device Technology

  5P1103 Datasheet HTML 1Page - Integrated Device Technology 5P1103 Datasheet HTML 2Page - Integrated Device Technology 5P1103 Datasheet HTML 3Page - Integrated Device Technology 5P1103 Datasheet HTML 4Page - Integrated Device Technology 5P1103 Datasheet HTML 5Page - Integrated Device Technology 5P1103 Datasheet HTML 6Page - Integrated Device Technology 5P1103 Datasheet HTML 7Page - Integrated Device Technology 5P1103 Datasheet HTML 8Page - Integrated Device Technology 5P1103 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
DATASHEET
5P1103 REVISION D 07/13/15
1
©2015 Integrated Device Technology, Inc.
Programmable Fanout Buffer
5P1103
Description
The 5P1103 is a programmable fanout buffer intended for
high performance consumer, networking, industrial,
computing, and data-communications applications.
Configurations may be stored in on-chip One-Time
Programmable (OTP) memory or changed using I2C
interface.
The outputs are generated from a single reference clock. The
input reference can be crystal, external single-ended or
differential clock. The reference clock can come from one of
the two redundant clock inputs and is selected by CLKSEL
pin. A glitchless manual switchover function allows one of the
redundant clocks to be selected during normal operation. See
reference clock input section for details.
Two select pins allow up to 4 different configurations to be
programmed and accessible using processor GPIOs or
bootstrapping. The different selections may be used for
different operating modes (full function, partial function, partial
power-down), regional standards (US, Japan, Europe) or
system production margin testing.
The device may be configured to use one of two I2C
addresses to allow multiple devices to be used in a system.
Pin Assignment
Features
Up to two high performance universal differential output
pairs
– Low RMS additive phase jitter: 0.2ps
Four banks of internal non-volatile in-system
programmable or factory programmable OTP memory
I2C serial programming interface
One additional LVCMOS output clock
Two universal output pairs:
– Each configurable as one differential output pair or two
LVCMOS outputs
I/O Standards:
– Single-ended I/Os: 1.8V to 3.3V LVCMOS
– Differential I/Os - LVPECL, LVDS and HCSL
Input frequency ranges:
– LVCMOS Reference Clock Input (XIN/REF) – 1MHz to
200MHz
– LVDS, LVPECL, HCSL Differential Clock Input (CLKIN,
CLKINB) – 1MHz to 350MHz
– Crystal frequency range: 8MHz to 40MHz
Individually selectable output voltage (1.8V, 2.5V, 3.3V) for
each output pair
Redundant clock inputs with manual switchover
Programmable crystal load capacitance
Individual output enable/disable
Power-down mode
1.8V, 2.5V or 3.3V core VDDD, VDDA
Available in 24-pin VFQFPN 4mm x 4mm package
-40° to +85°C industrial temperature operation
1
7
24-pin VFQFPN
19
13
XOUT
XIN/REF
VDDA
CLKIN
NC
OUT2
CLKINB
CLKSEL
NC
OUT2B
VDDO2
VDDA
EPAD
2
3
4
5
6
8
9 10 11 12
14
15
16
17
18
20
21
22
23
24


Similar Part No. - 5P1103

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5P1103 RENESAS-5P1103 Datasheet
1Mb / 31P
   Programmable Fanout Buffer
Aug 1, 2022
More results

Similar Description - 5P1103

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCCACE-TQ144 XILINX-XCCACE-TQ144 Datasheet
1Mb / 69P
   Non-volatile system solution
logo
Integrated Silicon Solu...
IS43LR32400G ISSI-IS43LR32400G Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
logo
Alliance Semiconductor ...
AS4C16M32MD1 ALSC-AS4C16M32MD1 Datasheet
2Mb / 58P
   Four internal banks for concurrent operation
logo
Integrated Silicon Solu...
IS43LR16400C ISSI-IS43LR16400C Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
IS43LD16160A ISSI-IS43LD16160A Datasheet
6Mb / 143P
   Four internal banks for concurrent operation
logo
Alliance Semiconductor ...
AS4C32M16MD1 ALSC-AS4C32M16MD1 Datasheet
4Mb / 75P
   Four internal banks for concurrent operation
logo
Integrated Silicon Solu...
IS43R16400B ISSI-IS43R16400B Datasheet
4Mb / 57P
   Four internal banks for concurrent operation
IS43LR16640A ISSI-IS43LR16640A Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
IS43R32400D ISSI-IS43R32400D Datasheet
1Mb / 57P
   Four internal banks for concurrent operation
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com