Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4511CSE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4511CSE
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4511CSE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4511CSE Datasheet HTML 4Page - Maxim Integrated Products MAX4511CSE Datasheet HTML 5Page - Maxim Integrated Products MAX4511CSE Datasheet HTML 6Page - Maxim Integrated Products MAX4511CSE Datasheet HTML 7Page - Maxim Integrated Products MAX4511CSE Datasheet HTML 8Page - Maxim Integrated Products MAX4511CSE Datasheet HTML 9Page - Maxim Integrated Products MAX4511CSE Datasheet HTML 10Page - Maxim Integrated Products MAX4511CSE Datasheet HTML 11Page - Maxim Integrated Products MAX4511CSE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
8
_______________________________________________________________________________________
0
0.5
1.5
1.0
2.5
2.0
3.0
010
15
5
20253035
LOGIC-LEVEL THRESHOLD vs. V+
V+ (V)
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0
-10
-20
-120
0.01
0.1
1
10
100
1000
FREQUENCY RESPONSE
-90
-100
-110
MAX186-14A
FREQUENCY (MHz)
-70
-80
-50
-60
-30
-40
120
100
80
-120
-60
-80
-100
-20
-40
20
0
60
40
ON LOSS
OFF LOSS
ON PHASE
NAME
FUNCTION
1, 16,
9, 8
IN1–IN4
Logic Control Digital Inputs
2, 15,
10, 7
COM1–
COM4
Analog Switch Common* Terminals
PIN
3, 14,
11, 6
NO1–NO4
or
NC1–NC4
Analog Switch Fault-Protected Normally
Open* or Normally Closed* Terminals
4
V-
Negative Analog Supply Voltage Input.
Connect to GND for single-supply operation.
13
V+
Positive Analog and Digital Supply-Voltage
Input. Internally connected to substrate.
12
N.C.
No Connection—not internally connected
5
GND
Ground. Connect to digital ground. (Analog
signals have no ground reference.)
Pin Description
*
As long as the voltage on NO_ or NC_ does not exceed V+ or
V-, NO_ (or NC_) and COM_ pins are identical and interchange-
able. Either may be considered as an input or output; signals
pass equally well in either direction.
Detailed Description
Overview of Traditional
Fault-Protected Switches
The MAX4511/MAX4512/MAX4513 are fault-protected
CMOS analog switches with unusual operation and
construction. Traditional fault-protected switches are
constructed by three series FETs. This produces good
off characteristics, but fairly high on-resistance when
the signals are within about 3V of each supply rail. As
the voltage on one side of the switch approaches with-
in about 3V of either supply rail (a fault condition), the
switch impedance becomes higher, limiting the output
signal range (on the protected side of the switch) to
approximately 3V less than the appropriate polarity
supply voltage.
During a fault condition, the output current that flows
from the protected side of the switch into its load
comes from the fault source on the other side of the
switch. If the switch is open or the load is extremely
high impedance, the input current will be very low. If
the switch is on and the load is low impedance,
enough current will flow from the source to maintain the
load voltage at 3V less than the supply.


Similar Part No. - MAX4511CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4511CSE MAXIM-MAX4511CSE Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
More results

Similar Description - MAX4511CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4533 MAXIM-MAX4533 Datasheet
172Kb / 12P
   Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com