Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4511CPE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4511CPE
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4511CPE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4511CPE Datasheet HTML 1Page - Maxim Integrated Products MAX4511CPE Datasheet HTML 2Page - Maxim Integrated Products MAX4511CPE Datasheet HTML 3Page - Maxim Integrated Products MAX4511CPE Datasheet HTML 4Page - Maxim Integrated Products MAX4511CPE Datasheet HTML 5Page - Maxim Integrated Products MAX4511CPE Datasheet HTML 6Page - Maxim Integrated Products MAX4511CPE Datasheet HTML 7Page - Maxim Integrated Products MAX4511CPE Datasheet HTML 8Page - Maxim Integrated Products MAX4511CPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +15V, V- = -15V, GND = 0V, TA =TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
VNO_ or VNC_ = ±33V
VNO_ or VNC_ = ±33V
CONDITIONS
+25°C
tON
Turn-On Time
600
k
RCOM_
COM_ On Output Resistance,
Supplies On
1
2.5
nA
-10
10
ICOM_
COM_ Output Leakage Current,
Supplies On
UNITS
MIN
TYP
MAX
(Note 3)
SYMBOL
PARAMETER
+25°C
+25°C
TA
VNO_ or VNC_ = 33V
mA
ICOM_
COM_ On Output Current,
Supplies On
811
13
+25°C
VNO_ or VNC_ = ±40V,
V+ = 0, V- = 0
µA
-10
10
INO_, INC_
NO_ or NC_ Input Leakage
Current, Supplies Off
M
nA
-200
200
+25°C
M
-1
1
µA
1.9
2.4
V
VIN_H
IN_ Input Logic Threshold High
C, E, M
900
M
VCOM_ = ±10V, RL_ = 2kΩ,
Figure 3
ns
tBBM
Break-Before-Make Time
Delay (MAX4513 Only)
50
100
+25°C
-1
0.03
1
VIN_ = 0.8V or 2.4V
µA
IINH_, IINL
IN_ Input Current Logic High
or Low
+25°C
C, E
-200
200
C, E
VNO_ or VNC_ = -33V
-12
-10
-7
C, E, M
C, E, M
-5
5
C, E
350
500
VCOM_ = ±10V, RL_ = 2kΩ,
Figure 2
ns
tOFF
Turn-Off Time
500
C, E
750
M
200
400
VCOM_ = ±10V, RL_ = 2kΩ,
Figure 2
ns
+25°C
3
VNO_ or VNC_ = ±25V,
VCOM_ =
10V
µA
-10
10
INO_, INC_
NO_ or NC_ Off Input Leakage
Current, Supplies On
M
nA
-200
200
+25°C
C, E
-20
20
-20
0.1
20
SWITCH DYNAMIC CHARAC-
CL = 1.0nF, VNO_ = 0,
RS = 0Ω, Figure 4
pC
Q
Charge Injection (Note 6)
1.5
5
+25°C
f = 1MHz, Figure 5
pF
CN_(OFF)
NO_ or NC_ Off-Capacitance
10
+25°C
f = 1MHz, Figure 5
pF
CCOM_(OFF)
COM_ Off-Capacitance
5
+25°C
f = 1MHz, Figure 5
pF
CCOM_(ON)
COM_ On-Capacitance
10
+25°C
LOGIC INPUT
RL = 50Ω, CL = 15pF,
VN_ = 1VRMS, f = 1MHz, Figure 6
dB
VCISO
Off Isolation (Note 7)
-62
+25°C
RL = 50Ω, CL = 15pF,
VN_ = 1VRMS, f = 1MHz, Figure 6
dB
VCT
Channel-to-Channel Crosstalk
(Note 9)
-66
+25°C
0.8
1.9
V
VIN_L
IN_ Input Logic Threshold Low
C, E, M
FAULT (V+ = +15V, V- = -15V, unless otherwise noted.)
LOGIC INPUT
SWITCH DYNAMIC CHARACTERISTICS


Similar Part No. - MAX4511CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4511CPE MAXIM-MAX4511CPE Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
More results

Similar Description - MAX4511CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4533 MAXIM-MAX4533 Datasheet
172Kb / 12P
   Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com