Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4494 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4494
Description  SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4494 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4494 Datasheet HTML 1Page - Maxim Integrated Products MAX4494 Datasheet HTML 2Page - Maxim Integrated Products MAX4494 Datasheet HTML 3Page - Maxim Integrated Products MAX4494 Datasheet HTML 4Page - Maxim Integrated Products MAX4494 Datasheet HTML 5Page - Maxim Integrated Products MAX4494 Datasheet HTML 6Page - Maxim Integrated Products MAX4494 Datasheet HTML 7Page - Maxim Integrated Products MAX4494 Datasheet HTML 8Page - Maxim Integrated Products MAX4494 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SC70, Low-Power, General-Purpose,
Dual-Supply, Rail-to-Rail Op Amps
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, VCM = 0, RL = 100k
Ω to ground, CL = 15pF, TA = +25°C, unless otherwise noted.)
0
50
100
150
200
250
300
350
400
-5.0
-2.5
0
2.5
5.0
INPUT BIAS CURRENT
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
VSUPPLY =
±2.5V
VSUPPLY =
±5V
COMMON-MODE REJECTION
vs. FREQUENCY
-120
-80
-100
-40
-60
-20
0
1
10
100
1k
100k
1M
FREQUENCY (Hz)
10k
100
1k
10k
100k
POWER-SUPPLY REJECTION vs. FREQENCY
(VSUPPLY =
±2.5V to ±5.5V)
FREQUENCY (Hz)
-40
-100
-90
-80
-70
-60
-50
100
1
1
1k
10k
100k
10
100
1M
INPUT VOLTAGE NOISE DENSITY
vs. FREQUENCY
10
FREQUENCY (Hz)
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
1
100k
10k
1k
100
10
FREQUENCY (Hz)
0
0.002
0.001
0.004
0.006
0.008
0.007
0.003
0.005
0
6
4
2
10
8
18
16
14
12
20
-50
-25
0
25
50
75
100
125
OUTPUT VOLTAGE SWING
vs. TEMPERATURE (RL = 100k
Ω)
TEMPERATURE (
°C)
VOL - VEE
VCC - VOH
0
50
75
100
25
125
150
175
200
225
250
275
OUTPUT VOLTAGE SWING
vs. TEMPERATURE (RL = 1k
Ω)
TEMPERATURE (
°C)
-50
0
25
-25
50
75
100
125
VCC - VOH
VOL - VEE
40
60
100
80
120
140
-50
0
-25
25
50
75
100
125
LARGE-SIGNAL GAIN
vs. TEMPERATURE
TEMPERATURE (
°C)
RL = 100k
VEE + 0.25V
≤ VOUT ≤ VCC - 0.25V
RL = 1k
VEE + 0.5V
≤ VOUT ≤ VCC - 0.5V
0.1k
1k
10k
100k
1M
10M
100M
MAX4493-12
GAIN AND PHASE vs. FREQUENCY
FREQUENCY (Hz)
-60
-40
-20
-10
10
20
40
60
-50
-30
30
0
50
-270
-180
-90
-45
45
90
180
270
-225
-135
135
0
225
GAIN
PHASE
AV = +1000V/V


Similar Part No. - MAX4494

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4494 MAXIM-MAX4494 Datasheet
443Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4494 MAXIM-MAX4494 Datasheet
625Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
MAX4494AKA+T MAXIM-MAX4494AKA+T Datasheet
625Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
MAX4494AKA-T MAXIM-MAX4494AKA-T Datasheet
443Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4494AKA/V+T MAXIM-MAX4494AKA/V+T Datasheet
625Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
More results

Similar Description - MAX4494

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4493 MAXIM-MAX4493_08 Datasheet
443Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4493 MAXIM-MAX4493_09 Datasheet
625Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
logo
MOSA ELECTRONICS
MSV358 MOSA-MSV358 Datasheet
302Kb / 7P
   Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
logo
Maxim Integrated Produc...
MAX4464 MAXIM-MAX4464 Datasheet
737Kb / 14P
   Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 2; 2/03
MAX9614 MAXIM-MAX9614 Datasheet
2Mb / 12P
   Low-Power Single/Dual, Rail-to-Rail Op Amps
Rev 0; 8/10
MAX4464 MAXIM-MAX4464_11 Datasheet
631Kb / 19P
   Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 4; 7/11
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
LMX321 MAXIM-LMX321_06 Datasheet
509Kb / 15P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Rev 1; 10/06
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com