Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4469 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4469
Description  Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4469 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4469 Datasheet HTML 3Page - Maxim Integrated Products MAX4469 Datasheet HTML 4Page - Maxim Integrated Products MAX4469 Datasheet HTML 5Page - Maxim Integrated Products MAX4469 Datasheet HTML 6Page - Maxim Integrated Products MAX4469 Datasheet HTML 7Page - Maxim Integrated Products MAX4469 Datasheet HTML 8Page - Maxim Integrated Products MAX4469 Datasheet HTML 9Page - Maxim Integrated Products MAX4469 Datasheet HTML 10Page - Maxim Integrated Products MAX4469 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Low-Cost, Micropower, SC70/SOT23-8, Microphone
Preamplifiers with Complete Shutdown
_______________________________________________________________________________________
7
Detailed Description
The MAX4465–MAX4469 are low-power, micropower op
amps designed to be used as microphone preampli-
fiers. These preamplifiers are an excellent choice for
noisy environments because of their high common-
mode rejection and excellent power-supply rejection
ratios. They operate from a single +2.4V to +5.5V sup-
ply.
The MAX4465/MAX4467/MAX4469 are unity-gain stable
and deliver a 200kHz gain bandwidth from only 24µA of
supply current. The MAX4466/MAX4468 have a mini-
mum stable gain of +5V/V while providing a 600kHz
gain bandwidth product.
The MAX4467/MAX4468 feature a complete shutdown,
which is active-high, and a shutdown-controlled output
providing bias to the microphone. The MAX4465/
MAX4467/MAX4469 feature a slew rate suited to voice
channel applications. The MAX4466/MAX4468 can be
used for full-range audio, e.g., PC99 inputs.
Rail-to-Rail Output Stage
The MAX4465–MAX4469 can drive a 10k
Ω load and still
typically swing within 16mV of the supply rails. Figure 1
shows the output voltage swing of the MAX4465 config-
ured with AV = +10.
Switched Bias Supply
When used as a microphone amplifier for an electret
microphone, some form of DC bias for the microphone
is necessary. The MAX4467/MAX4468 have the ability to
turn off the bias to the microphone when the device is in
shutdown. This can save several hundred microamps of
supply current, which can be significant in low power
applications. The MIC_BIAS pin provides a switched
version of VCC to the bias components. Figure 3 shows
some typical values.
Driving Capacitive Loads
Driving a capacitive load can cause instability in many
op amps, especially those with low quiescent current.
The MAX4465/MAX4467/MAX4469 are unity-gain stable
for a range of capacitive loads up to 100pF. Figure 4
shows the response of the MAX4465 with an excessive
capacitive load.
Applications Information
Shutdown Mode
The MAX4467 and MAX4468 feature a low-power, com-
plete shutdown mode. When SHDN goes high, the sup-
ply current drops to 5nA, the output enters a high
impedance state and the bias current to the microphone
is switched off. Pull SHDN low to enable the amplifier.
Do not leave SHDN floating. Figure 5 shows the shut-
down waveform.
Common-Mode Rejection Ratio
A microphone preamplifier ideally only amplifies the sig-
nal present on its input and converts it to a voltage
appearing at the output. When used in noninverting
mode, there is a small output voltage fluctuation when
both inputs experience the same voltage change in the
( ) denotes SOT23 package of the MAX4467/MAX4468.
Pin Description (continued)
PIN
MAX4465
MAX4466
MAX4467
MAX4468
MAX4469
NAME
FUNCTION
5
7 (7)
8
VCC
Positive Supply. Bypass with a 0.1µF capacitor to
GND.
——
2
INA-
Inverting Amplifier Input A
——
3
INA+
Noninverting Amplifier Input A
——
6
INB-
Inverting Amplifier Input B
——
5
INB+
Noninverting Amplifier Input B
——
7
OUTB
Amplifier Output B
8 (6)
SHDN
Active-High Shutdown Input. Connect to GND
for normal operation. Connect to VCC for
shutdown. Do not leave floating.
5 (5)
N.C.
No Connection. Not internally connected.


Similar Part No. - MAX4469

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4469 MAXIM-MAX4469 Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
MAX4469EKA+T MAXIM-MAX4469EKA+T Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
More results

Similar Description - MAX4469

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4465_V2 MAXIM-MAX4465_V2 Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
MAX4465EXK MAXIM-MAX4465EXK Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Rev 2; 6/12
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060_11 Datasheet
565Kb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Maxim Integrated Produc...
MAX4063 MAXIM-MAX4063_11 Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com