Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4505 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4505
Description  Fault-Protected, High-Voltage, Signal-Line Protector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4505 Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX4505 Datasheet HTML 1Page - Maxim Integrated Products MAX4505 Datasheet HTML 2Page - Maxim Integrated Products MAX4505 Datasheet HTML 3Page - Maxim Integrated Products MAX4505 Datasheet HTML 4Page - Maxim Integrated Products MAX4505 Datasheet HTML 5Page - Maxim Integrated Products MAX4505 Datasheet HTML 6Page - Maxim Integrated Products MAX4505 Datasheet HTML 7Page - Maxim Integrated Products MAX4505 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Fault-Protected, High-Voltage,
Signal-Line Protector
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1999 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
tance is a function of the applied voltage, which is
dramatically altered by the ohmmeter itself. Autoranging
ohmmeters are particularly unreliable.
Figure 5 shows a circuit that gives reliable results. This
circuit uses a 100mV voltage source and a low-voltage-
drop ammeter as the measuring circuit, and an
adjustable supply to sweep the analog voltage across
its entire range. The ammeter must have a voltage drop
of less than 1mV (up to the maximum test current) for
accurate results. A Keithley model 617 electrometer
has a suitable ammeter circuit, appropriate ranges, and
a built-in voltage source designed for this type of mea-
surement. Find the path resistance by setting the ana-
log voltage, measuring the current, and calculating the
path resistance. Repeat the procedure at each analog
and supply voltage.
Note that it is important to use a voltage source of
100mV or less. As shown in Figure 5, this voltage and
the VAIN voltage form the VAOUT voltage. Using higher
voltages could cause AOUT to go into a fault condition
prematurely.
MAX4505
VAOUT
VAIN AIN
V-
V+
V+
100mV
PATH RESISTANCE = 100mV/A
ADJUSTABLE
ANALOG
VOLTAGE
AOUT
A
Figure 5. Path-Resistance Measuring Circuit
TRANSISTOR COUNT: 56
Pin Configurations (continued)
N.C.
N.C.
V-
1
2
8
7
V+
N.C.
N.C.
AIN
AOUT
µMAX
3
4
6
5
MAX4505
TOP VIEW
Chip Information


Similar Part No. - MAX4505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX450 MAXIM-MAX450 Datasheet
154Kb / 4P
   CMOS Video Amplifier
MAX450-MAX451 MAXIM-MAX450-MAX451 Datasheet
154Kb / 4P
   CMOS Video Amplifier
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4501-MAX4502 MAXIM-MAX4501-MAX4502 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4501C/D MAXIM-MAX4501C/D Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
More results

Similar Description - MAX4505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4506 MAXIM-MAX4506_03 Datasheet
1Mb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
MAX4506 MAXIM-MAX4506 Datasheet
393Kb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 1; 8/99
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX9940 MAXIM-MAX9940 Datasheet
239Kb / 9P
   Signal-Line Overvoltage Protector for Low-Voltage Devices
Rev 0; 2/09
MAX358 MAXIM-MAX358 Datasheet
438Kb / 11P
   Fault-Protected Analog Multiplexer
Rev 0; 4/88
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
560Kb / 32P
[Old version datasheet]   Fault Protected CAN Tranceiver
logo
Maxim Integrated Produc...
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com