Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4482ASA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4482ASA
Description  Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4482ASA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4482ASA Datasheet HTML 1Page - Maxim Integrated Products MAX4482ASA Datasheet HTML 2Page - Maxim Integrated Products MAX4482ASA Datasheet HTML 3Page - Maxim Integrated Products MAX4482ASA Datasheet HTML 4Page - Maxim Integrated Products MAX4482ASA Datasheet HTML 5Page - Maxim Integrated Products MAX4482ASA Datasheet HTML 6Page - Maxim Integrated Products MAX4482ASA Datasheet HTML 7Page - Maxim Integrated Products MAX4482ASA Datasheet HTML 8Page - Maxim Integrated Products MAX4482ASA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Single/Dual/Quad, Low-Cost, Single-Supply,
Rail-to-Rail Op Amps with Shutdown
_______________________________________________________________________________________
5
4
7
8
9
10
11
-40
0
40
80
-20
20
60
100 120
OUTPUT VOLTAGE SWING LOW
vs. TEMPERATURE
TEMPERATURE (°C)
RL = 5k
Ω to VDD/2
5
6
-90
-82
-80
-40
0
40
80
-20
20
60
100 120
COMMON-MODE REJECTION RATIO
vs. TEMPERATURE
TEMPERATURE (
°C)
-88
-86
-84
80
105
115
110
85
120
125
130
0.5
1.5
2.5
3.5
1.0
2.0
3.0
4.0
4.5
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
VOUT (V)
RL = 5k
Ω to VDD/2
90
100
95
90
95
100
105
110
-40
0
40
80
-20
20
60
100 120
LARGE-SIGNAL GAIN
vs. TEMPERATURE
TEMPERATURE (°C)
RL = 5k
Ω to VDD/2
-40
0
40
80
-20
20
60
100 120
MINIMUM OPERATING VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
1.2
1.4
1.3
1.6
1.5
1.7
1.9
1.8
2.0
1.0
1.1
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
100
10
0.1
1
RL = 5k
VOUT = 2Vp-p
AV = +1
BW = 30kHz
0.001
0.01
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
100
0.001
RL = 100k
VOUT = 2Vp-p
AV = +1
BW = 30kHz
10
1
0.01
0.1
VIN (Vp-p)
100
0.001
0.01
0.1
1
10
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. INPUT AMPLITUDE
02
13
RL = 5k
f = 1kHz
BW = 22kHz
0.001
0.01
1
0.1
10
100
0
1.0
0.5
1.5
2.0
2.5
3.0
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. INPUT AMPLITUDE
VIN (Vp-p)
RL = 100k
f = 1kHz
BW = 22kHz
Typical Operating Characteristics (continued)
(VDD = +5V, VSS = 0, VCM = VDD/2, V SHDN = 5V, RL
≥ 1MΩ connected to VDD/2, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4482ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4482ASA++ MAXIM-MAX4482ASA+ Datasheet
2Mb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
More results

Similar Description - MAX4482ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
MAX4480 MAXIM-MAX4480_12 Datasheet
288Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 2; 10/12
MAX4480 MAXIM-MAX4480_V01 Datasheet
2Mb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com