Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3300E Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RO3300E
Description  403.55 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3300E Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RO3300E_15 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3300E_15 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2010-2015 by Murata Electronics N.A., Inc.
RO3300E (R) 2/11/15
Page 2 of 2
www.murata.com
Ref
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
2.87
3.00
3.13
0.113
0.118
0.123
B
2.87
3.00
3.13
0.113
0.118
0.123
C
1.12
1.25
1.38
0.044
0.049
0.054
D
0.77
0.90
1.03
0.030
0.035
0.040
E
2.67
2.80
2.93
0.105
0.110
0.115
F
1.47
1.60
1.73
0.058
0.063
0.068
G
0.72
0.85
0.98
0.028
0.033
0.038
H
1.37
1.50
1.63
0.054
0.059
0.064
I
0.47
0.60
0.73
0.019
0.024
0.029
J
1.17
1.30
1.43
0.046
0.051
0.056
K
3.20
0.126
L
1.70
0.067
M
1.05
0.041
N
0.81
0.032
O
0.38
0.015
Pin
Connection
1NC
2Terminal
3NC
4NC
5Terminal
6NC
Electrical Connections
The SAW resonator is bidirectional and
may be installed with either orientation.
The two terminals are interchangeable
and unnumbered. The callout NC
indicates no internal connection. The NC
pads assist with mechanical positioning
and stability. External grounding of the NC
pads is recommended to help reduce
parasitic capacitance in the circuit.
1
2
3
6
5
4
1
2
3
6
5
4
A
BC
D
J
EF
GH
I
K
K
O
M
M
N
N
N
L
Case and Typical PCB Land Dimensions
-80 -60 -40 -20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , T C = T O
ΔT = TC - TO ( °C )
0.05 pF*
0.05 pF
Cp
Co
+
=
*Case Parasitics
Cp
Rm
Lm
Cm
Equivalent RLC Model
Temperature Characteristics
The curve shown accounts for resonator contribution only and does not
include external LC component temperature effects.
From 50
Ω
Network Analyzer
To 50
Ω
Network Analyzer
2
3
6
5
4
1
Characterization Test Circuit
Inductor LTEST is tuned to resonate with the static capacitance, CO, at FC.
+VDC
ROXXXXC
Bottom View
200k
Ω
C1
L1
+VDC
C2
RF Bypass
Typical Local Oscillator Application
Output
2
3
6
5
4
1
Modulation
Input
ROXXXXC
Bottom View
200k
Ω
C1
L1
(Antenna)
47
+9VDC
C2
RF Bypass
470
Typical Low-Power Transmitter Application
2
3
6
5
4
1
Example Application Circuits
Low-Loss
Matching
Network to
50
Ω
50
Ω Source
at F
C
P
INCIDENT
P
REFLECTED
2
3
6
5
4
1
Power Dissipation Test


Similar Part No. - RO3300E_15

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3300E MURATA-RO3300E Datasheet
99Kb / 2P
   403.55 MHz SAW Resonator
More results

Similar Description - RO3300E_15

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3120C MURATA-RO3120C Datasheet
395Kb / 2P
   403.55 MHz SAW Resonator
RO3120A MURATA-RO3120A Datasheet
391Kb / 2P
   403.55 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2120A RFM-RO2120A Datasheet
100Kb / 2P
   403.55 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3300E MURATA-RO3300E Datasheet
99Kb / 2P
   403.55 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TD0111A TAI-SAW-TD0111A Datasheet
215Kb / 3P
   SAW Resonator 403.55 MHz TO39
TC0272A TAI-SAW-TC0272A Datasheet
286Kb / 4P
   SAW Resonator 403.55 MHz SMD3X3 mm
logo
Vanlong Technology Co.,...
SQ403 VANLONG-SQ403 Datasheet
121Kb / 2P
   403.55 MHz Two-Port SAW Resonator
SR5501 VANLONG-SR5501 Datasheet
93Kb / 2P
   403.55 MHz One Port SAW Resonator
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
logo
List of Unclassifed Man...
RC0426D55A110 ETC1-RC0426D55A110 Datasheet
265Kb / 2P
   426.550 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com