Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBHP686-IWK-CW Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QBHP686-IWK-CW
Description  0.2W Mid Power LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBHP686-IWK-CW Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QBHP686-IWK-CW Datasheet HTML 1Page - List of Unclassifed Manufacturers QBHP686-IWK-CW Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP686-IWK-CW Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP686-IWK-CW Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP686-IWK-CW Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP686-IWK-CW Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP686-IWK-CW Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP686-IWK-CW Datasheet HTML 8Page - List of Unclassifed Manufacturers QBHP686-IWK-CW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
QBHP686-IWK-XX
0.2W Mid Power LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBHP686-IWK-XX
Date: December 10, 2013
Page 2 of 11
Version# 3.1
Table of Contents:
Introduction ...........................................................................................................................................3
Electrical / Optical Characteristic (Ta=25
oC) ........................................................................................4
Absolute Maximum Rating ....................................................................................................................4
Correlated Color Temperature Chart ....................................................................................................6
Characteristic Curves............................................................................................................................7
Solder Profile ........................................................................................................................................8
Packing .................................................................................................................................................9
Labeling ..............................................................................................................................................10
Ordering Information ...........................................................................................................................10
Revision History ..................................................................................................................................11
Disclaimer ...........................................................................................................................................11


Similar Part No. - QBHP686-IWK-CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBHP686-IWK-XX ETC-QBHP686-IWK-XX Datasheet
726Kb / 10P
   0.5W High Power LED
QBHP686-IWK-XX ETC-QBHP686-IWK-XX Datasheet
725Kb / 10P
   0.5W High Power LED
More results

Similar Description - QBHP686-IWK-CW

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
PP6N-TLXE ELITE-PP6N-TLXE Datasheet
1Mb / 20P
   0.2W Power LED
PP6N-TLXE-3 ELITE-PP6N-TLXE-3 Datasheet
1Mb / 18P
   0.2W Power LED
logo
LIGITEK electronics co....
LG-5630WK-1-T60-C-D711 LIGITEK-LG-5630WK-1-T60-C-D711 Datasheet
329Kb / 16P
   0.2W Power Light LED
LG-5630WK-1-T60-W-D711 LIGITEK-LG-5630WK-1-T60-W-D711 Datasheet
434Kb / 16P
   0.2W Power Light LED
LG-5630WK-DT-1-T60-P-XX LIGITEK-LG-5630WK-DT-1-T60-P-XX Datasheet
333Kb / 18P
   0.2W Power Light LED
LG-5630WK-1-T60-P-X-DXXX LIGITEK-LG-5630WK-1-T60-P-X-DXXX Datasheet
373Kb / 17P
   0.2W Power Light LED
LG-4014WKZ-DT-P-A02 LIGITEK-LG-4014WKZ-DT-P-A02 Datasheet
344Kb / 16P
   0.2W Power Light LED
LG-4014WK-DT-P-A07 LIGITEK-LG-4014WK-DT-P-A07 Datasheet
372Kb / 16P
   0.2W Power Light LED
LG-5630DBKZ-1-T60-A01 LIGITEK-LG-5630DBKZ-1-T60-A01 Datasheet
419Kb / 18P
   0.2W Power Light LED
logo
CT Micro International ...
UVC3535OUJLA-D0 CTMICRO-UVC3535OUJLA-D0 Datasheet
1Mb / 12P
   0.2W UV Power LED
Rev.1 Aug, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com