Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4490 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4490
Description  Low-Cost, High-Slew-Rate, Rail-to-Rail I/O Op Amps in SC70
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4490 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4490 Datasheet HTML 1Page - Maxim Integrated Products MAX4490 Datasheet HTML 2Page - Maxim Integrated Products MAX4490 Datasheet HTML 3Page - Maxim Integrated Products MAX4490 Datasheet HTML 4Page - Maxim Integrated Products MAX4490 Datasheet HTML 5Page - Maxim Integrated Products MAX4490 Datasheet HTML 6Page - Maxim Integrated Products MAX4490 Datasheet HTML 7Page - Maxim Integrated Products MAX4490 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Low-Cost, High-Slew-Rate,
Rail-to-Rail I/O Op Amps in SC70
_______________________________________________________________________________________
5
NAME
FUNCTION
MAX4490
1
IN+
Noninverting Input
PIN
2
VSS
Negative Supply Input. Connect to ground for single-supply operation.
3
IN-
Inverting Input
INA-
Inverting Input to Amplifier A
INA+
Noninverting Input to Amplifier A
5
VDD
Positive Supply Input
4
OUT
Amplifier Output
INC+, IND+
Noninverting Inputs to Amplifiers C and D
OUTB
Amplifier B Output
INB-
Inverting Input to Amplifier B
INB+
Noninverting Input to Amplifier B
OUTA
Amplifier A Output
Pin Description
MAX4492
11
2
3
4
10, 12
7
6
5
1
MAX4491
4
2
3
8
7
6
5
1
9, 13
INC-, IND-
Inverting Inputs to Amplifiers C and D
8, 14
OUTC, OUTD
Amplifiers C and D Outputs
Detailed Description
Rail-to-Rail Input Stage
The MAX4490/MAX4491/MAX4492 CMOS operational
amplifiers have parallel-connected N- and P-channel
differential input stages that combine to accept a com-
mon-mode range extending to both supply rails. The N-
channel stage is active for common-mode input
voltages typically greater than (VSS + 1.2V), and the P-
channel stage is active for common-mode input volt-
ages typically less than (VDD - 1.2V).
Rail-to-Rail Output Stage
The MAX4490/MAX4491/MAX4492 CMOS operational
amplifiers feature class-AB push-pull output stages that
can drive a 100k
Ω load to within 1.5mV of either supply
rail. Short-circuit output current is typically ±50mA.
Figures 1a and 1b show the typical temperature depen-
dence of output source and sink currents, respectively,
for three fixed values of (VDD - VOH) and (VOL - VSS).
For example, at VDD = +5.0V, the load currents that
maintain (VDD - VOH) = 100mV and (VOL - VSS) = 100mV
at TA = +25°C are 2.2mA and 3.3mA, respectively,
when the load is connected to VDD/2. Consistent resis-
tive drive capability is (2.5 - 0.1) / 2.2 = 1.1k
Ω. For the
same application, resistive drive capability is 2.2k
when the load is connected to VDD or VSS.
Applications Information
Power-Supply Considerations
The MAX4490/MAX4491/MAX4492 operate from a sin-
gle +2.7V to +5.5V supply or from dual ±1.35V to
±2.75V supplies with typically 800µA supply current
per amplifier. A high power-supply rejection ratio of
100dB allows for extended operation from a decaying
battery voltage, thereby simplifying designs for
portable applications. For single-supply operation,
bypass the power supply with a 0.1µF ceramic capaci-
tor placed close to the VDD pin. For dual-supply opera-
tion, bypass each supply to ground.
Input Capacitance
One consequence of the parallel-connected differential
input stages for rail-to-rail operation is a relatively large
input capacitance CIN (typically 5pF). This introduces a


Similar Part No. - MAX4490

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4493 MAXIM-MAX4493 Datasheet
435Kb / 11P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 1; 10/01
MAX4493 MAXIM-MAX4493 Datasheet
443Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4493AUK+T MAXIM-MAX4493AUK+T Datasheet
625Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
MAX4493AUK-T MAXIM-MAX4493AUK-T Datasheet
435Kb / 11P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 1; 10/01
MAX4493AUK-T MAXIM-MAX4493AUK-T Datasheet
443Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
More results

Similar Description - MAX4490

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1214 GMT-G1214 Datasheet
333Kb / 5P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214 GMT-G1214_06 Datasheet
271Kb / 6P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211_11 Datasheet
185Kb / 4P
   RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A_15 Datasheet
35Kb / 1P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211 Datasheet
138Kb / 5P
   RAIL TO RAIL I/O,HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1214 GMT-G1214_15 Datasheet
38Kb / 1P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211_15 Datasheet
142Kb / 4P
   RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1244 GMT-G1244 Datasheet
38Kb / 1P
   Quad Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1224 GMT-G1224_15 Datasheet
33Kb / 1P
   Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1224 GMT-G1224 Datasheet
30Kb / 1P
   Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com