Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBHP684U-RV Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QBHP684U-RV
Description  3W High Power LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBHP684U-RV Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QBHP684U-RV Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 8Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 9Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
QBHP684U-XXV series
3W High Power LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBHP684U-XXV Series
Date: April 28, 2015
Page 6 of 11
Version# 2.1
Luminous Flux
Φv for Blue @ I
F=700mA
Bin
Min.
Max.
Unit
BA
20
26
lm
BB
26
35
BC
35
50
Dominant Wavelength λ
D for Red @ IF=700mA
Bin
Min.
Max.
Unit
R2
620
625
nm
R3
625
630
Dominant W
avelength λ
D for Yellow @ IF=700mA
Bin
Min.
Max.
Unit
A1
585
590
nm
A2
590
595
Dominant Wavelength λ
D for True Green @ IF=700mA
Bin
Min.
Max.
Unit
G2
520
525
nm
G3
525
530
Dominant Wavelength λ
D for Blue @ IF=700mA
Bin
Min.
Max.
Unit
B2
450
460
nm
Note:
Tolerance of measurement of forward voltage: ±0.1V
Tolerance of measurement of dominant wavelength: ±2nm
Tolerance of measurement of luminous flux: ±10%


Similar Part No. - QBHP684U-RV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBHP684U-RV ETC-QBHP684U-RV Datasheet
844Kb / 10P
   3W High Power LED
More results

Similar Description - QBHP684U-RV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBHP682-RGBU ETC-QBHP682-RGBU Datasheet
568Kb / 7P
   3W High Power LED
QBHP684UE-IWV-XX ETC-QBHP684UE-IWV-XX Datasheet
923Kb / 13P
   3W High Power LED
QBHP684UE-PCAV ETC-QBHP684UE-PCAV Datasheet
964Kb / 10P
   3W High Power LED
QBHP684U-XXV ETC-QBHP684U-XXV Datasheet
844Kb / 10P
   3W High Power LED
QBHP684UE-PCAV ETC1-QBHP684UE-PCAV Datasheet
980Kb / 10P
   3W High Power LED
QBHP684UE-IWV-WW ETC1-QBHP684UE-IWV-WW Datasheet
938Kb / 13P
   3W High Power LED
logo
Elite Enterprises (H.K....
PG1C-3LWE-SD ELITE-PG1C-3LWE-SD Datasheet
1Mb / 17P
   3W High CRI Power LED
logo
Shanghai Toplite Techno...
A-HR511W-AC15-3W-STAR TOPLITE-A-HR511W-AC15-3W-STAR Datasheet
119Kb / 3P
   FOR 3W HIGH-POWER LED
logo
Elite Enterprises (H.K....
PM2A-3LXX-SD ELITE-PM2A-3LXX-SD Datasheet
598Kb / 20P
   3W Power LED
PG1C-3LXX-SD ELITE-PG1C-3LXX-SD Datasheet
1Mb / 22P
   3W Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com