Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBHP684UE-IWU-NW Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QBHP684UE-IWU-NW
Description  1.0W High Power LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBHP684UE-IWU-NW Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QBHP684UE-IWU-NW Datasheet HTML 1Page - List of Unclassifed Manufacturers QBHP684UE-IWU-NW Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP684UE-IWU-NW Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP684UE-IWU-NW Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP684UE-IWU-NW Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP684UE-IWU-NW Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP684UE-IWU-NW Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP684UE-IWU-NW Datasheet HTML 8Page - List of Unclassifed Manufacturers QBHP684UE-IWU-NW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
QBHP684UE-IWU-XX
1.0W High Power LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBHP684UE-IWU-XX
Date: June 22, 2015
Page 2 of 13
Version# 1.5
Table of Contents:
Introduction ........................................................................................................................................... 3
Electrical / Optical Characteristic (TA=25
oC) ......................................................................................... 4
Absolute Maximum Rating .................................................................................................................... 4
Correlated Color Temperature and Chromaticity Correlation ................................................................ 6
Characteristic Curves............................................................................................................................ 9
IR Reflow Soldering Profile ................................................................................................................. 10
Packing ............................................................................................................................................... 11
Labeling .............................................................................................................................................. 12
Ordering Information ........................................................................................................................... 12
Revision History .................................................................................................................................. 13
Disclaimer ........................................................................................................................................... 13


Similar Part No. - QBHP684UE-IWU-NW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBHP684UE-IWU-NW ETC-QBHP684UE-IWU-NW Datasheet
926Kb / 13P
   1.0W High Power LED
More results

Similar Description - QBHP684UE-IWU-NW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBHP684UE-IWU-XX ETC-QBHP684UE-IWU-XX Datasheet
926Kb / 13P
   1.0W High Power LED
QBHP684U-IRU ETC2-QBHP684U-IRU Datasheet
593Kb / 9P
   1.0W High Power IR LED
QBHP684U-IRU ETC1-QBHP684U-IRU Datasheet
635Kb / 9P
   1.0W High Power IR LED
logo
Luminus, Inc
MP-3030-2100 LUMINUS-MP-3030-2100 Datasheet
1Mb / 15P
   High-Performance Mid Power LED (1.0W)
logo
LIGITEK electronics co....
LGXW-521E-TR1-CW LIGITEK-LGXW-521E-TR1-CW Datasheet
462Kb / 13P
   1.0W Power Light LED
logo
Luminus, Inc
MP-3030-2200 LUMINUS-MP-3030-2200 Datasheet
1Mb / 14P
   Mid Power LED (1.0W)
logo
List of Unclassifed Man...
AN8053N ETC-AN8053N Datasheet
163Kb / 5P
   1.0W Power Amplifier
logo
Diodes Incorporated
SMAZ24-13 DIODES-SMAZ24-13 Datasheet
129Kb / 5P
   1.0W Power Dissipation
logo
American Bright OPTOELE...
AB-3535CQ-KKFRA AMERICANBRIGHT-AB-3535CQ-KKFRA Datasheet
1Mb / 15P
   3535 Ceramic 1.0W 3V White LED
Rev. 1.1 4/29/2022
logo
Diodes Incorporated
DFLZXXQ DIODES-DFLZXXQ_15 Datasheet
207Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com