Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBDS390Y Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QBDS390Y
Description  0.39inch Dual Digit Display
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBDS390Y Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QBDS390Y Datasheet HTML 1Page - List of Unclassifed Manufacturers QBDS390Y Datasheet HTML 2Page - List of Unclassifed Manufacturers QBDS390Y Datasheet HTML 3Page - List of Unclassifed Manufacturers QBDS390Y Datasheet HTML 4Page - List of Unclassifed Manufacturers QBDS390Y Datasheet HTML 5Page - List of Unclassifed Manufacturers QBDS390Y Datasheet HTML 6Page - List of Unclassifed Manufacturers QBDS390Y Datasheet HTML 7Page - List of Unclassifed Manufacturers QBDS390Y Datasheet HTML 8Page - List of Unclassifed Manufacturers QBDS390Y Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
QBDS39ZXX
0.39” Dual Digit Display
Product: QBDS39ZXX
Date: June 24, 2011
Page 1 of 9
Version# 1.0
Feature:
 0.39” dual digit seven segments display
 Low power consumption
 Packed in reel
 White segment and grey surface
 Z = 0 (common anode) or 1 (common cathode)
 XX = color code
Description:
These 0.39” dual digit seven segments displays are
made with white segment and grey surface. The
viewing distance is up to seven meters.
Application:
 Instrument panels
 Indoor/Outdoor display board
 Audio equipment
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.25mm


Similar Part No. - QBDS390Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBD40AG0 ETC2-QBD40AG0 Datasheet
305Kb / 6P
   Dual Digit Display
QBD40AG1 ETC2-QBD40AG1 Datasheet
305Kb / 6P
   Dual Digit Display
QBD40IB0 ETC2-QBD40IB0 Datasheet
305Kb / 6P
   Dual Digit Display
QBD40IB1 ETC2-QBD40IB1 Datasheet
305Kb / 6P
   Dual Digit Display
QBD40IG0 ETC2-QBD40IG0 Datasheet
305Kb / 6P
   Dual Digit Display
More results

Similar Description - QBDS390Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBTS390R ETC1-QBTS390R Datasheet
380Kb / 8P
   0.39inch Three Digit Display
QBQS390R ETC1-QBQS390R Datasheet
382Kb / 8P
   0.39inch Four Digit Display
QBSS390R ETC1-QBSS390R Datasheet
372Kb / 8P
   0.39inch Single Digit Display
QBS39R1 ETC1-QBS39R1 Datasheet
658Kb / 11P
   0.39inch Single Digit Display
logo
LIGITEK electronics co....
LSD375-6A-XX-PF LIGITEK-LSD375-6A-XX-PF Datasheet
141Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-65-XX-P21-PF LIGITEK-LSD355-65-XX-P21-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LFD4H5-62M-XX-SRP9 LIGITEK-LFD4H5-62M-XX-SRP9 Datasheet
130Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-PF LIGITEK-LFD415-62-XX-PF Datasheet
187Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP63-PF LIGITEK-LFD415-62-XX-RP63-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-SRP95 LIGITEK-LFD415-62-XX-SRP95 Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com