Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBD40R1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QBD40R1
Description  0.40ich Dual Digit Display
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBD40R1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QBD40R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBD40R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBD40R1 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBD40R1 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBD40R1 Datasheet HTML 5Page - List of Unclassifed Manufacturers QBD40R1 Datasheet HTML 6Page - List of Unclassifed Manufacturers QBD40R1 Datasheet HTML 7Page - List of Unclassifed Manufacturers QBD40R1 Datasheet HTML 8Page - List of Unclassifed Manufacturers QBD40R1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
QBD40XXZ_series
0.40” Dual Digit Display
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBS40XXZ_series
Date: August 21, 2015
Page 1 of 11
Version# 2.3
QT-Brightek Through Hole Display Series
0.40
” Dual Digit Display
Part No.: QBD40XXZ
XX= Color
Z= 1: Common Cathode
Z = 0: Common Anode


Similar Part No. - QBD40R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBD40R1 ETC2-QBD40R1 Datasheet
305Kb / 6P
   Dual Digit Display
More results

Similar Description - QBD40R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBD40IB1 ETC2-QBD40IB1 Datasheet
305Kb / 6P
   Dual Digit Display
CS-322 ETC1-CS-322 Datasheet
103Kb / 1P
   DUAL DIGIT DISPLAY
WCN2-0040SR-A11 ETC2-WCN2-0040SR-A11 Datasheet
83Kb / 4P
   Dual Digit LED Display
logo
LIGITEK electronics co....
LSDD515-6A-XX LIGITEK-LSDD515-6A-XX Datasheet
422Kb / 8P
   DUAL DIGIT SMD DISPLAY
LSDD205-6DBK-XX LIGITEK-LSDD205-6DBK-XX Datasheet
272Kb / 7P
   DUAL DIGIT SMD DISPLAY
LBD241SBKS-XX-PF LIGITEK-LBD241SBKS-XX-PF Datasheet
121Kb / 8P
   DUAL DIGIT LED DISPLAY
logo
List of Unclassifed Man...
QBD56IB1 ETC2-QBD56IB1 Datasheet
309Kb / 5P
   0.56??Dual Digit Display
QBD56IB1 ETC1-QBD56IB1 Datasheet
309Kb / 5P
   0.56inch Dual Digit Display
logo
Yellow Stone Corp
BD-A811RD YSTONE-BD-A811RD Datasheet
198Kb / 2P
   DUAL DIGIT LED DISPLAY
logo
LIGITEK electronics co....
LSDD305-66F-XX LIGITEK-LSDD305-66F-XX Datasheet
409Kb / 8P
   DUAL DIGIT SMD DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com