Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF5400G Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # UF5400G
Description  Glass Passivated Ultra Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

UF5400G Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  UF5400G Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd UF5400G Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YENYO
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
DO-201AD
UF5400G THRU UF5408G
Voltage Range 50 to 1000 V
Current 3.0 Ampere
Glass Passivated Ultra Fast Recovery Rectifier
UF
5401G
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
UF
5402G
UF
5403G
UF
5404G
UF
5406G
100
200
300
210
300
600
70
140
420
100
UF
5400G
50
35
50
200
600
UF
5407G
800
560
800
UF
5408G
1000
700
1000
3.0
5.0
150
1.0
1.7
50
75
100
45
36
20
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
400
280
400
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TL=55
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 3.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Maximum Thermal Resistance (Note 3)
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Molded plastic DO-201AD
High surge current capability
Weight: 1.1 gram
Polarity:Color band denotes cathode
method 208 guranteed
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakge current
R JA
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Thermal Resistance junction to lead.
(3) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Epoxy: UL 94V-0 rate flame retardant
1 / 2
R1, MAY-12
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.210(5.3)
.190(4.8)
DIA.
PARAMTER


Similar Part No. - UF5400G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
UF5400G JGD-UF5400G Datasheet
165Kb / 2P
   3.0 AMP. GLASS PASSIVATED ULTRA FAST RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
UF5400G SAMYANG-UF5400G Datasheet
464Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Won-Top Electronics
UF5400G WTE-UF5400G Datasheet
58Kb / 4P
   3.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Galaxy Semi-Conductor H...
UF5400G BILIN-UF5400G Datasheet
81Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
More results

Similar Description - UF5400G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
UF16C01C-G COMCHIP-UF16C01C-G Datasheet
46Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
UF4002E YENYO-UF4002E Datasheet
646Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF8A01 YENYO-UF8A01 Datasheet
950Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01C YENYO-UF16C01C Datasheet
683Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01CF YENYO-UF16C01CF Datasheet
671Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF20C01CF YENYO-UF20C01CF Datasheet
845Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF30P01 YENYO-UF30P01 Datasheet
674Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF501G YENYO-UF501G Datasheet
662Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
Comchip Technology
UF20C01C-G COMCHIP-UF20C01C-G Datasheet
47Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF8A01F-G COMCHIP-UF8A01F-G Datasheet
46Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01CF-G COMCHIP-UF16C01CF-G Datasheet
47Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com