Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4454EUD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4454EUD
Description  Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4454EUD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4454EUD Datasheet HTML 7Page - Maxim Integrated Products MAX4454EUD Datasheet HTML 8Page - Maxim Integrated Products MAX4454EUD Datasheet HTML 9Page - Maxim Integrated Products MAX4454EUD Datasheet HTML 10Page - Maxim Integrated Products MAX4454EUD Datasheet HTML 11Page - Maxim Integrated Products MAX4454EUD Datasheet HTML 12Page - Maxim Integrated Products MAX4454EUD Datasheet HTML 13Page - Maxim Integrated Products MAX4454EUD Datasheet HTML 14Page - Maxim Integrated Products MAX4454EUD Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Low-Cost, +3V/+5V, 620µA, 200MHz,
Single-Supply Op Amps with Rail-to-Rail Outputs
______________________________________________________________________________________
11
Detailed Description
The MAX4452/MAX4352 single, MAX4453/MAX4353
dual, and MAX4454/MAX4354 quad, single-supply, rail-
to-rail, voltage-feedback amplifiers achieve high slew
rates and wide bandwidths while consuming only
620µA per amplifier. Excellent speed/power ratio
makes them ideal for portable devices and high-fre-
quency signal applications.
Internal feedback around the output stage ensures low
open-loop output impedance, reducing gain sensitivity
to load variations. This feedback also produces
demand-driven current bias to the output transistors.
Rail-to-Rail Outputs, Ground-Sensing Input
The input common-mode range extends from (VEE -
0.1V) to (VCC - 1.5V) with excellent common-mode
rejection. Beyond this range, the amplifier output is a
nonlinear function of the input, but does not undergo
phase reversal or latchup.
The output swings to within 180mV of either power-sup-
ply rail with a 1k
Ω load. The input ground-sensing and
the rail-to-rail output substantially increase the dynamic
range.
Output Capacitive Loading and Stability
The MAX4452/MAX4453/MAX4454/MAX4352/MAX4353/
MAX4354 are optimized for AC performance. They are
not designed to drive highly reactive loads. Such loads
decrease phase margin and may produce excessive
ringing and oscillation. The use of an isolation resistor
eliminates this problem (Figure 1). Figure 2 is a graph
of the Optimal Isolation Resistor (RISO) vs. Capacitive
Load.
Applications Information
Choosing Resistor Values
Unity-Gain Configuration
The MAX4452/MAX4453/MAX4454 are internally com-
pensated for unity gain. When configured for unity gain,
a 24
Ω feedback resistor (RF) is recommended. This
resistor improves AC response by reducing the Q of
the parallel LC circuit formed by the parasitic feedback
capacitance and inductance.
Inverting and Noninverting Configurations
Select the gain-setting feedback (RF) and input (RG)
resistor values that best fit the application. Large resis-
tor values increase voltage noise and interact with the
amplifier’s input and PC board capacitance. This can
generate undesirable poles and zeros and decrease
bandwidth or cause oscillations. For example, a nonin-
verting gain-of-two configuration (RF = RG) using 1k
resistors, combined with 2pF of amplifier input capaci-
tance and 1pF of PC board capacitance, causes a pole
at 106MHz. Since this pole is within the amplifier band-
width, it jeopardizes stability. Reducing the 1k
Ω resis-
tors to 100
Ω extends the pole frequency to 1.06GHz,
but could limit output swing by adding 200
Ω in parallel
with the amplifier’s load resistor.
Note: For high-gain applications where output offset
voltage is a consideration, choose RS to be equal to
the parallel combination of RF and RG (Figures 3a and
3b).
3b):
RS
RF RG
RF RG
=
×
+
Figure 2. Optimal Isolation Resistor vs. Capacitive Load
VOUT
VIN
RBIN
RISO
RF
CL
RG
Figure 1. Driving a Capacitive Load Through an Isolation
Resistor
10
14
12
18
16
22
20
24
28
26
30
0
50
100
150
ISOLATION RESISTANCE
vs. CAPACITIVE LOAD
CLOAD (pF)


Similar Part No. - MAX4454EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4454EUD MAXIM-MAX4454EUD Datasheet
765Kb / 19P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
2005
More results

Similar Description - MAX4454EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4452 MAXIM-MAX4452_V01 Datasheet
765Kb / 19P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
2005
MAX4414 MAXIM-MAX4414 Datasheet
539Kb / 22P
   Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com