Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADOI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # ADOI
Description  Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ADOI Datasheet(HTML) 9 Page - Maxim Integrated Products

  ADOI Datasheet HTML 1Page - Maxim Integrated Products ADOI Datasheet HTML 2Page - Maxim Integrated Products ADOI Datasheet HTML 3Page - Maxim Integrated Products ADOI Datasheet HTML 4Page - Maxim Integrated Products ADOI Datasheet HTML 5Page - Maxim Integrated Products ADOI Datasheet HTML 6Page - Maxim Integrated Products ADOI Datasheet HTML 7Page - Maxim Integrated Products ADOI Datasheet HTML 8Page - Maxim Integrated Products ADOI Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Single/Dual/Quad, High-Side Current-Sense
Amplifiers with Internal Gain
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
9 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2004 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
TOP VIEW
RS-
N.C.
OUT
1
2
8
7
RS+
N.C.
N.C.
GND
VCC
3
4
6
5
MAX4376
SO
RS2-
RS2+
GND
1
2
8
7
VCC
OUT2
RS1-
RS1+
OUT1
3
4
6
5
MAX4377
µMAX/SO
RS4+
GND
VCC
1
2
14
13
OUT4
RS4-
RS1-
RS1+
OUT1
3
4
12
11
MAX4378
SO/TSSOP
5
6
RS2-
OUT2
RS2+
7
OUT3
10
9
RS3+
RS3-
8
MAX4376T/F/H
RSENSE
0 TO +28V
ILOAD
VSENSE
VCC
OUT
GND
RS+
+3V TO +28V
RS-
LOAD/
BATTERY
A/D
CONVERTER
0.1
µF
Typical Operating Circuit
Ordering Information (continued)
PART
GAIN
(+V/V)
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
MAX4377TAUA
20
-40
°C to +125°C
8 µMAX
MAX4377FAUA
50
-40
°C to +125°C
8 µMAX
MAX4377HAUA
100
-40
°C to +125°C
8 µMAX
MAX4377TASA
20
-40
°C to +125°C
8 SO
MAX4377FASA
50
-40
°C to +125°C
8 SO
MAX4377HASA
100
-40
°C to +125°C
8 SO
MAX4378TAUD
20
-40
°C to +125°C
14 TSSOP
MAX4378FAUD
50
-40
°C to +125°C
14 TSSOP
MAX4378HAUD
100
-40
°C to +125°C
14 TSSOP
MAX4378TASD
20
-40
°C to +125°C
14 SO
MAX4378FASD
50
-40
°C to +125°C
14 SO
MAX4378HASD
100
-40
°C to +125°C
14 SO
MAX4376
RSENSE
ILOAD
0 TO +18V
VSENSE
VCC
OUT
VIN
GND
RS+
+3V TO +28V
0.1
µF
RS-
LOAD/
BATTERY
LOW-COST
SWITCHING
REGULATOR
MAX1745
Figure 3. Current Source
Chip Information
MAX4376_ TRANSISTOR COUNT: 162
MAX4377_ TRANSISTOR COUNT: 324
MAX4378_ TRANSISTOR COUNT: 648
PROCESS: BiCMOS
Pin Configurations (continued)


Similar Part No. - ADOI

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
ADO300 ADVANCEDENERGY-ADO300 Datasheet
423Kb / 6P
   300 Watt 1/8 Brick DC-DC Converter
ADO500 ADVANCEDENERGY-ADO500 Datasheet
199Kb / 5P
   500 - 550 Watt 1/8 Brick DC-DC Converter
More results

Similar Description - ADOI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4376HAUKVT MAXIM-MAX4376HAUKVT Datasheet
405Kb / 11P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 7; 10/12
MAX4376 MAXIM-MAX4376_09 Datasheet
384Kb / 10P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 4; 4/09
MAX4376 MAXIM-MAX4376_12 Datasheet
1Mb / 11P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 7; 10/12
MAX4376 MAXIM-MAX4376_V01 Datasheet
1Mb / 13P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
2019
MAX4069 MAXIM-MAX4069 Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4069 MAXIM-MAX4069_08 Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069_V01 Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com