Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4452EUK-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4452EUK-T
Description  Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4452EUK-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4452EUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX4452EUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX4452EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX4452EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX4452EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX4452EUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX4452EUK-T Datasheet HTML 9Page - Maxim Integrated Products MAX4452EUK-T Datasheet HTML 10Page - Maxim Integrated Products MAX4452EUK-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Low-Cost, +3V/+5V, 620µA, 200MHz,
Single-Supply Op Amps with Rail-to-Rail Outputs
_______________________________________________________________________________________
7
MAX4352/MAX4353/MAX4354
LARGE-SIGNAL PULSE RESPONSE
MAX4452/3/4 toc13
50ns/div
INPUT
200mV/div
OUTPUT
1V/div
MAX4452/MAX4453/MAX4454
SMALL-SIGNAL PULSE RESPONSE
MAX4452/3/4 toc14
50ns/div
INPUT
50mV/div
OUTPUT
50mV/div
RL = 150
MAX4352/MAX4353/MAX4354
SMALL-SIGNAL PULSE RESPONSE
MAX4452/3/4 toc15
50ns/div
INPUT
10mV/div
OUTPUT
50mV/div
RL = 150
MAX4452/MAX4453/MAX4454
LARGE-SIGNAL PULSE RESPONSE
MAX4452/3/4 toc16
50ns/div
INPUT
500mV/div
OUTPUT
500mV/div
RL = 150
MAX4352/MAX4353/MAX4354
LARGE-SIGNAL PULSE RESPONSE
MAX4452/3/4 toc17
50ns/div
INPUT
100mV/div
OUTPUT
500mV/div
RL = 150
100k
10M
1M
100M
1G
CLOSED-LOOP OUTPUT
IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
1000
0.1
1
10
100
0
10k
100k
1M
10M
100M
1G
-10
-30
-20
-40
-50
-60
-70
-90
FREQUENCY (Hz)
CROSSTALK vs. FREQUENCY
-80
100
1k
10k
100k
RLOAD (
Ω)
120
0
20
40
60
80
100
OPEN-LOOP GAIN
vs. LOAD RESISTANCE
100k
1M
10M
1G
FREQUENCY (Hz)
0
-90
-60
-70
-80
-50
-30
-40
-10
-20
POWER-SUPPLY REJECTION
vs. FREQUENCY
100M
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, VCM = +1.75V, AVCL = +1V/V (MAX4452/MAX4453/MAX4454), AVCL = +5V/V (MAX4352/MAX4353/MAX4354),
RL = 1k
Ω to VCC/2, CL = 5pF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4452EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4452EUK-T MAXIM-MAX4452EUK-T Datasheet
765Kb / 19P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
2005
More results

Similar Description - MAX4452EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4452 MAXIM-MAX4452_V01 Datasheet
765Kb / 19P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
2005
MAX4414 MAXIM-MAX4414 Datasheet
539Kb / 22P
   Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com