Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4390 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4390
Description  Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4390 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4390 Datasheet HTML 1Page - Maxim Integrated Products MAX4390 Datasheet HTML 2Page - Maxim Integrated Products MAX4390 Datasheet HTML 3Page - Maxim Integrated Products MAX4390 Datasheet HTML 4Page - Maxim Integrated Products MAX4390 Datasheet HTML 5Page - Maxim Integrated Products MAX4390 Datasheet HTML 6Page - Maxim Integrated Products MAX4390 Datasheet HTML 7Page - Maxim Integrated Products MAX4390 Datasheet HTML 8Page - Maxim Integrated Products MAX4390 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Ultra-Small, Low-Cost, 85MHz Op Amps with
Rail-to-Rail Outputs and Disable
_______________________________________________________________________________________
5
Note 2: All devices are 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design.
AC ELECTRICAL CHARACTERISTICS—Dual Supply
(VCC = 5V, VEE = -5V, RL =
∞ to GND, GND = 0, VOUT = 0V, Gain = 1V/V, DISABLE = VCC, and TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Small-Signal -3dB Bandwidth
BWSS
VOUT = 100mVP-P
85
MHz
Large-Signal -3dB Bandwidth
BWLS
VOUT = 2VP-P
90
MHz
Small-Signal Bandwidth for
0.1dB Gain Flatness
BW0.1dBss
VOUT = 100mVP-P
27
MHz
Large-Signal Bandwidth for
0.1dB Gain Flatness
BW0.1dBLS
VOUT = 2VP-P
24
MHz
Slew Rate
SR
VOUT = 2V step
500
V/µs
Settling Time to 0.1%
tS
VOUT = 2V step
21
ns
Rise/Fall Time
tR/tF
VOUT = 100mVP-P
4ns
Spurious-Free Dynamic Range
SFDR
fC = 5MHz, VOUT = 2VP-P
-59
dBc
Differential Phase Error
DP
NTSC, RL = 150
0.015
degrees
Differential Gain Error
DG
NTSC, RL = 150
0.015
%
Input Noise-Voltage Density
en
f = 10kHz
13
nV/
√Hz
Input Noise-Current Density
in
f = 10kHz
2.1
pA/
√Hz
Input Capacitance
CIN
1pF
Output Impedance
ZOUT
f = 5MHz
0.6
Disable OFF Time
MAX4389/MAX4393/MAX4394/MAX4396
80
ns
Disable ON Time
MAX4389/MAX4393/MAX4394/MAX4396
40
ns
Channel-to-Channel Isolation
CHISO
MAX4392/MAX4393/MAX4394/MAX4395/
MAX4396, specified at DC
-97
dB
AC ELECTRICAL CHARACTERISTICS—Single Supply (continued)
(VCC = 5V, VEE = 0V, VCM = 1.5V, RL = 100
Ω to VCC/2, DISABLE_ = VCC (MAX4389/MAX4393/MAX4394/MAX4396),
VOUT = VCC/2, AVCL = 1V/V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Phase Error
DP
NTSC, RL = 150
0.015
degrees
Differential Gain Error
DG
NTSC, RL = 150
0.015
%
Input Noise-Voltage Density
en
f = 10kHz
13
nV/
√Hz
Input Noise-Current Density
in
f = 10kHz
2.1
pA/
√Hz
Input Capacitance
CIN
1pF
Output Impedance
ZOUT
f = 5MHz
0.6
Disable OFF Time
MAX4389/MAX4393/MAX4394/MAX4396
80
ns
Disable ON Time
MAX4389/MAX4393/MAX4394/MAX4396
40
ns
Channel-to-Channel Isolation
CHISO
MAX4392–MAX4396, specified at DC
-97
dB


Similar Part No. - MAX4390

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4390 MAXIM-MAX4390 Datasheet
576Kb / 24P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
MAX4390EUK+T MAXIM-MAX4390EUK+T Datasheet
576Kb / 24P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
MAX4390EXT+T MAXIM-MAX4390EXT+T Datasheet
576Kb / 24P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
More results

Similar Description - MAX4390

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4389 MAXIM-MAX4389_09 Datasheet
576Kb / 24P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4245 MAXIM-MAX4245_11 Datasheet
667Kb / 17P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
Rev 2; 11/11
MAX4245 MAXIM-MAX4245 Datasheet
495Kb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
MAX4245 MAXIM-MAX4245_V01 Datasheet
2Mb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com