Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4450 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4450
Description  Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4450 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4450 Datasheet HTML 1Page - Maxim Integrated Products MAX4450 Datasheet HTML 2Page - Maxim Integrated Products MAX4450 Datasheet HTML 3Page - Maxim Integrated Products MAX4450 Datasheet HTML 4Page - Maxim Integrated Products MAX4450 Datasheet HTML 5Page - Maxim Integrated Products MAX4450 Datasheet HTML 6Page - Maxim Integrated Products MAX4450 Datasheet HTML 7Page - Maxim Integrated Products MAX4450 Datasheet HTML 8Page - Maxim Integrated Products MAX4450 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Ultra-Small, Low-Cost, 210MHz, Single-Supply
Op Amps with Rail-to-Rail Outputs
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0, VCM = +2.5V, RF = 24
Ω, RL = 100Ω to VCC/2, VOUT = VCC/2, AVCL = +1V/V, TA = +25°C, unless otherwise
noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
2nd harmonic
3rd harmonic
Total harmonic
distortion
Spurious-Free Dynamic
Range
SFDR
-65
Bandwidth for 0.1dB Gain
Flatness
BW0.1dB
55
MHz
Large-Signal -3dB Bandwidth
BWLS
175
MHz
485
Settling Time to 0.1%
tS
16
ns
Rise/Fall Time
tR, tF
4
ns
-65
VOUT = 100mVp-p
Small-Signal -3dB Bandwidth
BWSS
210
MHz
dBc
fC = 5MHz, VOUT = 2Vp-p
Harmonic Distortion
HD
-58
-63
dBc
Two-Tone, Third-Order
Intermodulation Distortion
IP3
66
dBc
Input 1dB Compression Point
14
dBm
Differential Phase Error
DP
0.08
degrees
Differential Gain Error
DG
0.02
%
Input Noise-Voltage Density
en
10
nV/
Hz
Input Noise-Current Density
in
1.8
pA/
√Hz
Input Capacitance
CIN
1
pF
Output Impedance
ZOUT
1.5
CONDITIONS
VOUT = 2Vp-p
VOUT = 2V step
f1 = 4.7MHz, f2 = 4.8MHz, VOUT = 1Vp-p
VOUT = 100mVp-p
fC = 5MHz,
VOUT = 2Vp-p
fC = 10MHz, AVCL = +2V/V
NTSC, RL = 150
NTSC, RL = 150
VOUT = 100mVp-p
f = 10kHz
f = 10kHz
f = 10MHz
Slew Rate
SR
V/µs
VOUT = 2V step
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design.
Note 2: Tested with VCM = +2.5V.
Note 3: PSR for single +5V supply tested with VEE = 0, VCC = +4.5V to +5.5V; PSR for dual ±5V supply tested with VEE = -4.5V to
-5.5V, VCC = +4.5V to +5.5V.
Channel-to-Channel Isolation
CHISO
102
dB
Specified at DC


Similar Part No. - MAX4450

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4450 MAXIM-MAX4450 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4450EUK-T MAXIM-MAX4450EUK-T Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4450EXK-T MAXIM-MAX4450EXK-T Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
More results

Similar Description - MAX4450

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
logo
KOA Speer Electronics, ...
MAX4380EUT KOA-MAX4380EUT Datasheet
760Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps
logo
Maxim Integrated Produc...
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4389 MAXIM-MAX4389 Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4389 MAXIM-MAX4389_09 Datasheet
576Kb / 24P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com