Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT8T79S818I-08 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT8T79S818I-08
Description  Four banks of two low skew outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8T79S818I-08 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT8T79S818I-08 Datasheet HTML 1Page - Integrated Device Technology IDT8T79S818I-08 Datasheet HTML 2Page - Integrated Device Technology IDT8T79S818I-08 Datasheet HTML 3Page - Integrated Device Technology IDT8T79S818I-08 Datasheet HTML 4Page - Integrated Device Technology IDT8T79S818I-08 Datasheet HTML 5Page - Integrated Device Technology IDT8T79S818I-08 Datasheet HTML 6Page - Integrated Device Technology IDT8T79S818I-08 Datasheet HTML 7Page - Integrated Device Technology IDT8T79S818I-08 Datasheet HTML 8Page - Integrated Device Technology IDT8T79S818I-08 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
IDT8T79S818A-08NLGI REVISION B JULY 11, 2013
2
©2013 Integrated Device Technology, Inc.
IDT8T79S818I-08 Data Sheet
1-TO-8 DIFFERENTIAL TO UNIVERSAL OUTPUT, CLOCK DIVIDER/FANOUT BUFFER
Pin Description and Characteristic Tables
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See “Table 2. Pin Characteristics” for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1
SCLK
Input
Pulldown
Serial Control Port Mode Data Input. LVCMOS/LVTTL interface levels.
2
MISO
Output
Serial Control Port Mode Data Output. LVCMOS/LVTTL interface levels.
3
nRST
Input
Pullup
Frequency Divider Reset. When the nRST is released (rising edge), the divided
clock outputs are activated and will transition to a high state simultaneously.
See also Timing Diagram. LVCMOS/LVTTL interface levels (“Figure 1. Timing
Diagram”).
4
PCLK
Input
Pulldown
Non-inverting differential clock input.
5
nPCLK
Input
Pullup /
Pulldown
Inverting differential clock input. VCC / 2 by default when left floating.
6
OE
Input
Pulldown
Default output disable. LVCMOS/LVTTL interface levels. See “Table 3B. OE
Truth Table”.
7, 10, 16,
25, 31
VCC
Power
Power supply voltage pin.
8
LE
Input
Pulldown
Serial Control Port Mode Load Enable. Latches data when the pin gets a high
level. Outputs are disabled when LE is low. LVCMOS/LVTTL interface levels.
9
PWR_SEL
Pulldown
Power supply selection. See “Table 3A. PWR_SEL Truth Table”.
11, 12
nQD1, QD1
Output
Differential output pair Bank D, output 1. LVPECL or LVDS interface levels.
13, 14
nQD0, QD0
Output
Differential output pair Bank D, output 0. LVPECL or LVDS interface levels.
15, 26
VEE
Power
Negative power supply pins.
17, 18
nQC1, QC1
Output
Differential output pair Bank C, output 1. LVPECL or LVDS interface levels.
19, 20
nQC0, QC0
Output
Differential output pair Bank C, output 0. LVPECL or LVDS interface levels.
21, 22
nQB1, QB1
Output
Differential output pair Bank B, output 1. LVPECL or LVDS interface levels.
23, 24
nQB0, QB0
Output
Differential output pair Bank B, output 0. LVPECL or LVDS interface levels.
27, 28
nQA1, QA1
Output
Differential output pair Bank A, output 1. LVPECL or LVDS interface levels.
29, 30
nQA0, QA0
Output
Differential output pair Bank A, output 0. LVPECL or LVDS interface levels.
32
SDATA
Input
Pulldown
Serial Control Port Mode Data Input. LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k
ROUT
Output Impedance
MISO
VCC = 3.3V
125
VCC = 2.5V
145


Similar Part No. - IDT8T79S818I-08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8T79S818I-08 RENESAS-IDT8T79S818I-08 Datasheet
1,004Kb / 29P
   1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
JULY 11, 2013
More results

Similar Description - IDT8T79S818I-08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P1103 IDT-5P1103 Datasheet
405Kb / 32P
   Four banks of internal non-volatile in-system
logo
Phihong USA Inc.
PIA04RZ-011-P PHIHONG-PIA04RZ-011-P Datasheet
246Kb / 1P
   Two or Four Outputs with DC Voltage Dimming Control
logo
Integrated Device Techn...
IDT8T53S111I IDT-IDT8T53S111I Datasheet
501Kb / 18P
   Ten low skew, low additive jitter LVPECL outputs
IDT8P34S1102I IDT-IDT8P34S1102I Datasheet
292Kb / 18P
   Two low skew, low additive jitter LVDS output pairs
logo
ATMEL Corporation
ATR0809 ATMEL-ATR0809 Datasheet
222Kb / 8P
   FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
logo
Analog Devices
ADAU1777 AD-ADAU1777_17 Datasheet
1Mb / 109P
   Four-ADC, Two-DAC, Low Power Codec
ADAU1772 AD-ADAU1772 Datasheet
6Mb / 117P
   Four ADC, Two DAC Low Power Codec
logo
Maxim Integrated Produc...
MAX14805 MAXIM-MAX14805 Datasheet
1Mb / 14P
   16-Channel (Two Banks of 8-Channel), High-Voltage Analog Switches
Rev 0; 4/10
logo
Alliance Semiconductor ...
AS4C16M32MD1 ALSC-AS4C16M32MD1 Datasheet
2Mb / 58P
   Four internal banks for concurrent operation
logo
Integrated Silicon Solu...
IS43LR16400C ISSI-IS43LR16400C Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com