Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4378FAUD Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4378FAUD
Description  Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4378FAUD Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX4378FAUD Datasheet HTML 1Page - Maxim Integrated Products MAX4378FAUD Datasheet HTML 2Page - Maxim Integrated Products MAX4378FAUD Datasheet HTML 3Page - Maxim Integrated Products MAX4378FAUD Datasheet HTML 4Page - Maxim Integrated Products MAX4378FAUD Datasheet HTML 5Page - Maxim Integrated Products MAX4378FAUD Datasheet HTML 6Page - Maxim Integrated Products MAX4378FAUD Datasheet HTML 7Page - Maxim Integrated Products MAX4378FAUD Datasheet HTML 8Page - Maxim Integrated Products MAX4378FAUD Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Single/Dual/Quad, High-Side Current-Sense
Amplifiers with Internal Gain
_______________________________________________________________________________________
7
Detailed Description
The MAX4376/MAX4377/MAX4378 high-side current-
sense amplifiers feature a 0 to +28V input common-mode
range that is independent of supply voltage. This feature
allows the monitoring of current out of a battery in deep
discharge and also enables high-side current sensing at
voltages greater than the supply voltage (VCC).
The MAX4376/MAX4377/MAX4378 operate as follows:
current from the source flows through RSENSE to the
load (Figure 1). Since the internal sense amplifier’s
inverting input has high impedance, negligible current
flows through RG2 (neglecting the input bias current).
Therefore, the sense amplifier’s inverting-input voltage
equals VSOURCE - (ILOAD)(RSENSE).
The amplifier’s open-loop gain forces its noninverting
input to the same voltage as the inverting input.
Therefore, the drop across RG1 equals (ILOAD)
(RSENSE). Since IRG1 flows through RG1, IRG1 =
(ILOAD)(RSENSE)/RG1. The internal current mirror multi-
plies IRG1 by a current gain factor,
β, to give IRGD = β x
IRG1. Solving IRGD =
β x (ILOAD)(RSENSE)/RG1.
Therefore:
VOUT =
β x (RGD/RG1)(RSENSE x ILOAD) x amp gain
where amp gain is 2, 5, or 10.
The part’s gain equals (
β x RGD / RG1) x amp gain.
Therefore:
VOUT = (GAIN)(RSENSE)(ILOAD)
where GAIN = 20 for MAX437_T.
GAIN = 50 for MAX437_F.
GAIN = 100 for MAX437_H.
Set the full-scale output range by selecting RSENSE and
the appropriate gain version of the MAX4376/
MAX4377/MAX4378.
Applications Information
Recommended Component Values
The MAX4376/MAX4377/MAX4378 sense a wide variety
of currents with different sense resistor values. Table 1
lists common resistor values for typical operation of the
MAX4376/MAX4377/MAX4378.
Choosing RSENSE
To measure lower currents more accurately, use a high
value for RSENSE. The high value develops a higher
sense voltage that reduces offset voltage errors of the
internal op amp.
In applications monitoring very high currents, RSENSE
must be able to dissipate the I2R losses. If the resistor’s
rated power dissipation is exceeded, its value may drift
or it may fail altogether, causing a differential voltage
across the terminals in excess of the absolute maxi-
mum ratings.
If ISENSE has a large high-frequency component, mini-
mize the inductance of RSENSE. Wire-wound resistors
have the highest inductance, metal-film resistors are
somewhat better, and low-inductance metal-film resis-
tors are best suited for these applications.
Bidirectional Current-Sense Amplifier
Systems such as laptop computers and other devices
that have internal charge circuitry require a precise
bidirectional current-sense amplifier to monitor accu-
rately the battery’s current regardless of polarity. Figure
2 shows the MAX4377 used as a bidirectional current
Pin Description
PIN
MAX4376
MAX4376
MAX4377
MAX4378
SOT23-5
SO-8
µMAX-8/
SO-8
SO-14/
TSSOP-14
NAME
FUNCTION
1
4
1, 7
1, 7, 8, 14
OUT, OUT_
Output Voltage. VOUT_ is proportional to the magnitude
of the sense voltage (VRS+ - VRS-). VOUT_ is
approximately zero when VRS - > VRS - + (no phase
reversal).
2
3
4
11
GND
Ground
3184
VCC
Supply Voltage
4
8
3, 5
3, 5, 10, 12
RS+, RS_+
Power connection to the external sense resistor
5
6
2, 6
2, 6, 9, 13
RS-, RS_-
Load-side connection to the external sense resistor
2, 5, 7
——
N.C.
No Connection. Not internally connected.


Similar Part No. - MAX4378FAUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4378FAUD++ MAXIM-MAX4378FAUD+ Datasheet
1Mb / 13P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
2019
More results

Similar Description - MAX4378FAUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4376HAUKVT MAXIM-MAX4376HAUKVT Datasheet
405Kb / 11P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 7; 10/12
MAX4376 MAXIM-MAX4376_09 Datasheet
384Kb / 10P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 4; 4/09
MAX4376 MAXIM-MAX4376_12 Datasheet
1Mb / 11P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 7; 10/12
MAX4376 MAXIM-MAX4376_V01 Datasheet
1Mb / 13P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
2019
MAX4069 MAXIM-MAX4069 Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4069 MAXIM-MAX4069_08 Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069_V01 Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com