Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX442ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX442ESA
Description  140MHz, 2-Channel Video Multiplexer/Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX442ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX442ESA Datasheet HTML 1Page - Maxim Integrated Products MAX442ESA Datasheet HTML 2Page - Maxim Integrated Products MAX442ESA Datasheet HTML 3Page - Maxim Integrated Products MAX442ESA Datasheet HTML 4Page - Maxim Integrated Products MAX442ESA Datasheet HTML 5Page - Maxim Integrated Products MAX442ESA Datasheet HTML 6Page - Maxim Integrated Products MAX442ESA Datasheet HTML 7Page - Maxim Integrated Products MAX442ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
140MHz, 2-Channel
Video Multiplexer/Amplifier
_______________________________________________________________________________________
3
Note 1: Incremental resistance for a common-mode voltage between ±2V.
Note 2: Channel Switching Time specified between two grounded input channels; does not include signal rise/fall times for switch-
ing between channels with different input voltages.
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 5V, V- = -5V, RL = 150Ω, TA = TMIN to TMAX, unless otherwise noted.)
VIN = 0V
AV = 0dB, RL = 100Ω
CONDITIONS
mA
25
30
35
ICC
Positive Supply Current
MHz
140
BW
-3dB Bandwidth
22
38
19
41
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V/µs
250
SR1
Slew Rate
Figure 1
Figure 1
%
0.07
DG
Differential Gain Error
degrees
0.09
DP
Differential Phase Error
To 0.1% of final value,
AV = 0dB, RL = 150Ω, 2V step input
ns
50
ts
Settling Time
f = 10MHz, RS = 75Ω, AV = 0dB, Figure 6
f = 10kHz
nV/
√Hz
12
en
Input Noise-Voltage Density
dB
76
XTALK
Crosstalk
V
±4.75
±5.25
VS
Operating Supply-Voltage Range
TA = +25°C
MAX442C
MAX442E
VIN = 0V
mA
23
28
35
IEE
Negative Supply Current
20
38
17
41
TA = +25°C
MAX442C
MAX442E
V
0.8
VIL
Logic Low Voltage
V
2.4
VIH
Logic High Voltage
Figure 7 (Note 2)
ns
36
tSW
Channel Switching Time
Figure 7
ns
24
tAPD
Address Propagation Delay
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
80
-20
0.001
0.1
10
1000
OPEN-LOOP GAIN AND PHASE
vs. FREQUENCY
0
FREQUENCY (MHz)
20
40
60
70
50
30
10
-10
135
-315
-225
-270
-180
-90
0
90
-135
-45
45
PHASE
GAIN
30
-20
-15
-5
5
15
25
0.1
1
10
100
1000
CLOSED-LOOP GAIN
vs. FREQUENCY
-10
FREQUENCY (MHz)
0
10
20
AVCL = 20dB
AVCL = 6dB
AVCL = 0dB
100
0.01
10k
1M
10M
100k
100M
UNITY-GAIN OUTPUT IMPEDANCE
vs. FREQUENCY
0.1
FREQUENCY (Hz)
1
10
DYNAMIC PERFORMANCE
POWER REQUIREMENTS
SWITCHING CHARACTERISTICS


Similar Part No. - MAX442ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4420 MAXIM-MAX4420 Datasheet
236Kb / 6P
   High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
MAX44205 MAXIM-MAX44205 Datasheet
1Mb / 29P
   Fully Differential Op Amp/SAR ADC Driver
Rev 0; 6/14
MAX44205EVKIT MAXIM-MAX44205EVKIT Datasheet
650Kb / 6P
   MAX44205 Evaluation Kit
Rev 0; 9/14
MAX44206 MAXIM-MAX44206 Datasheet
1Mb / 29P
   180MHz, Low-Noise, Low-Distortion, Fully Differential Op Amp/ADC Driver
19-7446; Rev 0; 11/14
MAX44206AUA++ MAXIM-MAX44206AUA+ Datasheet
1Mb / 29P
   180MHz, Low-Noise, Low-Distortion, Fully Differential Op Amp/ADC Driver
19-7446; Rev 0; 11/14
More results

Similar Description - MAX442ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4027 MAXIM-MAX4027 Datasheet
351Kb / 11P
   225MHz, Triple, 2-Channel Video Multiplexer-Amplifier
Rev 0; 9/03
logo
Linear Technology
LT1227 LINER-LT1227 Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227_15 Datasheet
254Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227_06 Datasheet
244Kb / 12P
   140MHz Video Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX452 MAXIM-MAX452 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4158 MAXIM-MAX4158 Datasheet
230Kb / 16P
   350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
Rev 2; 3/01
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Analog Devices
AD9300 AD-AD9300_15 Datasheet
609Kb / 8P
   Video Multiplexer
REV. A
logo
Mitel Networks Corporat...
VP2612 MITEL-VP2612 Datasheet
154Kb / 11P
   Video Multiplexer
logo
Toshiba Semiconductor
TC7WH157FU TOSHIBA-TC7WH157FU Datasheet
206Kb / 6P
   2-CHANNEL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com