Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPA1960A Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # MPA1960A
Description  Power Supply for LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MPA1960A Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  MPA1960A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MPA1960A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MPA1960A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MPA1960A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MPA1960A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MPA1960A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MPA1960A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. MPA1960A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
【Dimming Specifications】
This product supports UART, DALI and PWM mode.
In the case of UART, DALI and PWM Dimming mode, change a dip switch (SW401)
PRODUCT SPECIFICATION
MPA1960
 series
Power Supply for LED
to each mode before AC input. (Refer as follows)
Dimming
SW401 posision:DALI side
SW401 posision:DALI side
DALI
CN401/CN402
IEC62386
UART
CN201
Smart Lighting System UART Command Specification
(Use a Murata special module about UART.)
Input Connector
Communication standard・Dimming Specifications
SW401 posision:DALI side
Input pulse
10-16Vo-p
Frequency
100Hz-1KHz
DUTY
0-95%typ
Ex.) Output current:Duty 0%・・・1400mA、95%・・・OFF、f:1KHz
    Output current:Duty 0%・・・1400mA、 98%・・・OFF、f:100Hz
SW401 posision:PWM side
PWM sink current:2mAmax
*CN401 and CN402 cab be used one, other is for connections.
PWM
CN401/CN402
Dimming characteristics(Masterpiece:MPA1960A)
1000
1100
1200
1300
1400
1500
DALI/UART dimming curve
100
200
300
400
500
600
700
800
900
1000
1100
1200
LINEAR
LOGARITHM
0
100
200
STEP(1~254)
1300
1400
1500
PWM dimming curve
400
500
600
700
800
900
1000
1100
1200
1300
1400
PWM:100Hz
PWM:1kHz
Product specification
5/8
MPA1960
i
0
100
200
300
400
500
600
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100
PWM-Duty(%)
PWM:1kHz
5/8
MPA1960 series


Similar Part No. - MPA1960A

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MPA1960A MURATA-PS-MPA1960A Datasheet
795Kb / 8P
   Power Supply for LED
More results

Similar Description - MPA1960A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MPA1967A MURATA-MPA1967A Datasheet
680Kb / 8P
   Power Supply for LED
logo
Murata Power Solutions ...
MPA1954B MURATA-PS-MPA1954B Datasheet
626Kb / 8P
   Power Supply for LED
MPA1954G MURATA-PS-MPA1954G Datasheet
626Kb / 8P
   Power Supply for LED
MPA1954D MURATA-PS-MPA1954D Datasheet
626Kb / 8P
   Power Supply for LED
MPA1962B MURATA-PS-MPA1962B Datasheet
900Kb / 8P
   Power Supply for LED
MPA1967A MURATA-PS-MPA1967A Datasheet
680Kb / 8P
   Power Supply for LED
MPA1948A MURATA-PS-MPA1948A Datasheet
624Kb / 8P
   Power Supply for LED
MPA1960A MURATA-PS-MPA1960A Datasheet
795Kb / 8P
   Power Supply for LED
MPA1962B-P MURATA-PS-MPA1962B-P Datasheet
900Kb / 8P
   Power Supply for LED
MPA1967C MURATA-PS-MPA1967C Datasheet
680Kb / 8P
   Power Supply for LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com