Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4375TEUB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4375TEUB
Description  Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4375TEUB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4375TEUB Datasheet HTML 1Page - Maxim Integrated Products MAX4375TEUB Datasheet HTML 2Page - Maxim Integrated Products MAX4375TEUB Datasheet HTML 3Page - Maxim Integrated Products MAX4375TEUB Datasheet HTML 4Page - Maxim Integrated Products MAX4375TEUB Datasheet HTML 5Page - Maxim Integrated Products MAX4375TEUB Datasheet HTML 6Page - Maxim Integrated Products MAX4375TEUB Datasheet HTML 7Page - Maxim Integrated Products MAX4375TEUB Datasheet HTML 8Page - Maxim Integrated Products MAX4375TEUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Cost, Micropower, High-Side Current-Sense
Amplifier + Comparator + Reference ICs
_______________________________________________________________________________________
3
VSENSE =
20mV to 150mV;
VCC = 12V; VRS+ = 12V;
Gain = 20, 50
MAX437_T
VRS+ = 12V,
VCC = 12V,
CLOAD = 10pF
VSENSE = 100mV, CLOAD = 10pF,
VCC = 12V, VRS+ = 12V
Gain = +20V/V,
VCC = 12V,
VRS+ = 12V,
CLOAD = 10pF
No sustained oscillations
VSENSE = 100mV
VOUT = 2V, VRS+ > 2V
CONDITIONS
%
±0.64
±5.2
∆AV
Gain Accuracy
V/V
+20
AV
kHz
200
BW
-3dB Bandwidth
Gain
mV
580
600
618
Comparator Threshold
0.5
µs
20
OUT Settling Time to 1% of
Final Value
pF
1000
Capacitive Load Stability
1.5
ROUT
OUT Output Resistance
72
87
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
120
110
50
VSENSE = 100mV,
Gain = +20V/V
VSENSE = 100mV,
Gain = +50V/V
VSENSE = 100mV,
Gain = +100V/V
VSENSE = 6.25mV
MAX437_H
MAX437_F
+100
+50
TA = +25°C
TA = -40°C to +85°C
±7.2
VSENSE = 6.25mV to
100mV
VSENSE = 100mV to
6.25mV
20
PSR
Power-Up Time to 1% of Final
Value
Power-Supply Rejection
ms
dB
VCC = 12V, VRS+ = 12V, CLOAD = 10pF
Saturation Recovery Time
(Note 8)
ms
0.1
mV
-9
Comparator Hysteresis
nA
±2.2
±15
IB
Input Bias Current
CL = 10pF, RL = 10k
Ω pull-up to 5V,
5mV of overdrive
µs
4
Propagation Delay
ISINK = 1mA
V
0.6
VOL
Output Low Voltage
VSENSE =
20mV to 100mV,
VCC = 12V, VRS+ = 12V,
Gain = 100
TA = +25°C
TA = -40°C to +85°C
±7.2
±0.62
±5.0
COMPARATOR (Note 9)
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +28V, VRS+ = 0 to +28V, VSENSE = 0, VRESET = 0, RLOAD= 1M
Ω, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 1)


Similar Part No. - MAX4375TEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4375 MAXIM-MAX4375 Datasheet
300Kb / 13P
   Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
19-1630; Rev 5; 5/15
More results

Similar Description - MAX4375TEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4373 MAXIM-MAX4373_V01 Datasheet
300Kb / 13P
   Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
19-1630; Rev 5; 5/15
logo
Linear Technology
LT6108-1 LINER-LT6108-1_15 Datasheet
358Kb / 30P
   High Side Current Sense Amplifier with Reference and Comparator
LT6108-2 LINER-LT6108-2_15 Datasheet
358Kb / 30P
   High Side Current Sense Amplifier with Reference and Comparator
logo
STMicroelectronics
TSC888 STMICROELECTRONICS-TSC888 Datasheet
104Kb / 7P
   Low cost high-side current sense amplifier
logo
Maxim Integrated Produc...
MAX4372T MAXIM-MAX4372T Datasheet
111Kb / 8P
   Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
MAX4172 MAXIM-MAX4172_V01 Datasheet
1Mb / 9P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
MAX4172 MAXIM-MAX4172 Datasheet
95Kb / 8P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
MAX4372T MAXIM-MAX4372T_09 Datasheet
225Kb / 11P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 4; 7/09
MAX4372FEUK MAXIM-MAX4372FEUK Datasheet
1Mb / 11P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 5; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com