Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT4222 Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # FT4222
Description  UMFT4222PROG FT4222 Programmer Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222 Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button FT4222 Datasheet HTML 2Page - Future Technology Devices International Ltd. FT4222 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT4222 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT4222 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT4222 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT4222 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT4222 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4222 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT4222 Datasheet HTML 10Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Copyright © 2014 Future Technology Devices International Limited
10
FT4222H Programmer Module
Version 1.0
Document Reference No.: FT_001058. Clearance No.: FTDI #408
4 UMFT4222PROG module connection and Mechanical Details
Figure 4-1
, shows the UMFT4222PROG module layout. The module is 42.38mm x 41.23mm dimension.
Figure 4-1 UMFT4222PROG module layout
The following Table 4-1 shows the module signals for these signals on the UMFT4222PROG module.
Pin No.
Name
Type
Description
JP1-1
No Signal
NA
Not populated on PCB
JP1-2
No Signal
NA
Not populated on PCB
JP1-3
GND
PWR
Ground
JP1-4
VPP
PWR
6.5V Voltage supply
Table 4-1 UMFT4222PROG module Connections (numbers refer to pad numbers on the PCB)
The following Table 4-2 shows the USB Connector of UMFT4222PROG module.
Connector
No.
Name
Description
CN1
USB upstream port, Micro-B
type receptacle
Connect to a PC
CN2
USB downstream port,
Standard A type receptacle
Connect to an UMFT4222EV evaluation board.
Table 4-2 UMFT4222PROG module USB Connectors
41.23mm
42.38mm


Similar Part No. - FT4222

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT4222H FTDI-FT4222H Datasheet
1Mb / 49P
   FT4222H is a USB2.0 to Quad-SPI/I2C interface Device Controller with the following advanced features
FT4222HQ-C FTDI-FT4222HQ-C Datasheet
1Mb / 49P
   USB2.0 to QuadSPI/I2C Bridge IC
FT4222HQ-C-R FTDI-FT4222HQ-C-R Datasheet
1Mb / 49P
   USB2.0 to QuadSPI/I2C Bridge IC
More results

Similar Description - FT4222

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87000 DALLAS-DS87000 Datasheet
56Kb / 10P
   Microcontroller Programmer
logo
Maxim Integrated Produc...
DS87000 MAXIM-DS87000 Datasheet
47Kb / 10P
   Microcontroller Programmer
030700
logo
Micronas
HAL-APV-V5.1 MICRONAS-HAL-APV-V5.1 Datasheet
752Kb / 102P
   Programmer Board
logo
Renesas Technology Corp
R20UT2921EJ0100 RENESAS-R20UT2921EJ0100 Datasheet
159Kb / 19P
   Renesas Flash Programmer
RL78 RENESAS-RL78 Datasheet
976Kb / 61P
   Renesas Flash Programmer
logo
Xilinx, Inc
DS019 XILINX-DS019 Datasheet
103Kb / 3P
   HW-130 Programmer
logo
ATMEL Corporation
AT89ISP ATMEL-AT89ISP Datasheet
106Kb / 4P
   AT89ISP Programmer Cable
logo
STMicroelectronics
STVP STMICROELECTRONICS-STVP Datasheet
53Kb / 3P
   ST Visual Programmer
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
logo
NEC
PGFPL2 NEC-PGFPL2 Datasheet
1Mb / 73P
   Flash Memory Programmer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com