Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX442CSA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX442CSA
Description  140MHz, 2-Channel Video Multiplexer/Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX442CSA Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX442CSA Datasheet HTML 1Page - Maxim Integrated Products MAX442CSA Datasheet HTML 2Page - Maxim Integrated Products MAX442CSA Datasheet HTML 3Page - Maxim Integrated Products MAX442CSA Datasheet HTML 4Page - Maxim Integrated Products MAX442CSA Datasheet HTML 5Page - Maxim Integrated Products MAX442CSA Datasheet HTML 6Page - Maxim Integrated Products MAX442CSA Datasheet HTML 7Page - Maxim Integrated Products MAX442CSA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
The
Typical Operating Circuit shows the MAX442 dri-
ving a back-terminated 75
Ω video cable. The back-ter-
mination resistor (at the MAX442 output) is included to
match the impedance of the cable’s driven end to the
characteristic impedance of the cable itself. This, plus
the load-termination resistor, eliminates signal reflec-
tions from the cable’s ends. The back-termination resis-
tor forms a voltage divider with the load impedance,
which attenuates the signal at the cable output by one-
half. The amplifier is operated with a 2V/V closed-loop
gain to provide unity gain at the cable’s video output.
Capacitive-Load Driving
Driving large capacitive loads increases the likelihood
of oscillation in most amplifier circuits. This is especial-
ly true for circuits with high loop gains, like voltage fol-
lowers. The amplifier’s output impedance and the
capacitive load form an RC filter that adds a pole to the
loop response. If the pole frequency is low enough, as
when driving a large capacitive load, the circuit phase
margin is degraded and oscillation may occur.
With capacitive loads greater than approximately 50pF
and the MAX442 configured as a unity-gain buffer, use
an isolation resistor in series with the load, as shown in
Figure 2. The resistor removes the pole from the loop
response caused by the load capacitance.
Channel Switching Time/Transient
When the MAX442 multiplexer is switched from one
channel to another, a small glitch will appear at the out-
put. Figure 3 shows the results of putting a 0V to 5V
pulse 100ns wide into A0.
140MHz, 2-Channel
Video Multiplexer/Amplifier
6
_______________________________________________________________________________________
MAX442
22
CLOAD > 50pF
OUT
IN
Figure 2. Capacitive-Load-Driving Circuit
A0 INPUT
5V/div
AMP
OUTPUT
200mV/div
GND
GND
Figure 3. Output Switching Transient when Switching Between
Two Grounded Inputs with RL = 100Ω
INPUT
1V/V
CABLE
OUTPUT
1V/V
GND
GND
Figure 5. Pulse Response with RL = 100Ω (50Ω back-terminated
cable), AVCL = +2V/V
INPUT
1V/div
CABLE
OUTPUT
500mV/div
GND
GND
Figure 4. Pulse Response with RL = 100Ω (50Ω back-terminated
cable), AVCL = +1V/V


Similar Part No. - MAX442CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX442CPA MAXIM-MAX442CPA Datasheet
106Kb / 8P
   Evaluation Kit
1196
More results

Similar Description - MAX442CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4027 MAXIM-MAX4027 Datasheet
351Kb / 11P
   225MHz, Triple, 2-Channel Video Multiplexer-Amplifier
Rev 0; 9/03
logo
Linear Technology
LT1227 LINER-LT1227 Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227_15 Datasheet
254Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227_06 Datasheet
244Kb / 12P
   140MHz Video Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX452 MAXIM-MAX452 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4158 MAXIM-MAX4158 Datasheet
230Kb / 16P
   350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
Rev 2; 3/01
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Analog Devices
AD9300 AD-AD9300_15 Datasheet
609Kb / 8P
   Video Multiplexer
REV. A
logo
Mitel Networks Corporat...
VP2612 MITEL-VP2612 Datasheet
154Kb / 11P
   Video Multiplexer
logo
Toshiba Semiconductor
TC7WH157FU TOSHIBA-TC7WH157FU Datasheet
206Kb / 6P
   2-CHANNEL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com