Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U54-D-1200-12-HA4PC Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # D1U54-D-1200-12-HA4PC
Description  54mm 1U Front End DC-DC Power Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

D1U54-D-1200-12-HA4PC Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  D1U54-D-1200-12-HA4PC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. D1U54-D-1200-12-HA4PC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. D1U54-D-1200-12-HA4PC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. D1U54-D-1200-12-HA4PC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. D1U54-D-1200-12-HA4PC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. D1U54-D-1200-12-HA4PC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
D1U54-D-1200-12-Hx4PC Series
54mm 1U Front End DC-DC Power Converter
D1U54-D-1200-12-Hx4PC.A01 Page 4 of 6
www.murata-ps.com/support
PIN ASSIGNMENTS: D1U54-D-1200-12-HxxPC
ALTERNATIVE PIN ASSIGNMENTS: D1U54-D-1200-12-HxxC
TE Connectivity 1926734-2 (Power Supply)
TE Connectivity 1926734-4 (Power Supply)
Pin
Function
Description
Pin
Function
Description
6, 7, 8, 9, 10
V1 (+12VOUT)
+12V Main Output
6, 7, 8, 9, 10
V1 (+12VOUT)
+12V Main Output
1, 2, 3, 4, 5
+12V RTN/PGND
+12V Main Output Return
1, 2, 3, 4, 5
+12V RTN/PGND
+12V Main Output Return
A1
+VSB
Standby Output
A1
+VSB
Standby Output
B1
+VSB
Standby Output
B1
+VSB
Standby Output
C1
+VSB
Standby Output
C1
+VSB
Standby Output
D1
+VSB
Standby Output
D1
+VSB
Standby Output
E1
+VSB
Standby Output
E1
+VSB
Standby Output
A2
+VSB_Return
Standby Output Return
A2
+VSB_Return
Standby Output Return
B2
+VSB_Return
Standby Output Return
B2
+VSB_Return
Standby Output Return
C2
Unused
No End User Connection
C2
Unused
No End User Connection
D2
Unused
No End User Connection
D2
Unused
No End User Connection
E2
Unused
No End User Connection
E2
Unused
No End User Connection
A3
APS
I2C Address Protocol Selection
(Select by appropriate pull down resistor
A3
PS_KILL
Power Supply “kill”; short pin
B3
Unused
No End User Connection
B3
Unused
No End User Connection
C3
SDA
I2C Serial Data Line
C3
SDA
I2C Serial Data Line
D3
V1_SENSE_R
Remote Sense Return (-VE)
D3
V1_SENSE_R
Remote Sense Return (-VE)
E3
V1_SENSE
Remote Sense (+VE)
E3
V1_SENSE
Remote Sense (+VE)
A4
SCL
I2C Serial Clock Line
A4
SCL
I2C Serial Clock Line
B4
PS_ON_L
Remote On/Off (Enable/Disable)
B4
PS_ON_L
Remote On/Off (Enable/Disable)
C4
SMB_ALERT
Alert signal to host system
C4
SMB_ALERT
Alert signal to host system
D4
Unused
No End User Connection
D4
ISHARE
Current Share bus; short pin
E4
DC_OK
DC Input Source Present & “OK”
E4
DC_OK
DC Input Source Present & “OK”
A5
PS_KILL
Power Supply “kill”; short pin
A5
A0
I2C LSB Address Line
B5
ISHARE
Current Share bus; short pin
B5
Unused
No End User Connection
C5
PW_OK
Power “OK”; short pin
C5
PW_OK
Power “OK”; short pin
D5
Unused
No End User Connection
D5
A1
I2C Address Line
E5
PRESENT_L
Power Module Present; short pin
E5
PRESENT_L
Power Module Present; short pin
Consult Murata Sales for availability of alternative “HxxC” model variants.
MATING CONNECTOR (OUTPUT & SIGNALS)
Supplier
Press Fit, Straight
Press Fit, Right Angle
Solder Straight
Solder Right Angle
TE Connectivity (Tyco)
---
---
---
2-1926739-5
2-1926733-5 (Legacy Now Obsolete)
DC INPUT TERMINAL BLOCK
Dinkle Enterprise
2 Way Terminal Block; 40A rating; +VE & -VE DC Input cable connections
DT-7C-B14W-02


Similar Part No. - D1U54-D-1200-12-HA4PC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U54-D-1200-12-HA4PC MURATA-PS-D1U54-D-1200-12-HA4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
D1U54-D-1200-12-HA4PC MURATA-PS-D1U54-D-1200-12-HA4PC Datasheet
1Mb / 6P
   54mm Front End DC-DC Power Converter
2018
More results

Similar Description - D1U54-D-1200-12-HA4PC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U54-D-1200-12-HX4PC MURATA-PS-D1U54-D-1200-12-HX4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
D1U2-D-400-12-HA4C MURATA-PS-D1U2-D-400-12-HA4C Datasheet
263Kb / 6P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-650-12-HBXC MURATA-PS-D1U54-D-650-12-HBXC Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54 MURATA-PS-D1U54 Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-2000-12 MURATA-PS-D1U54-D-2000-12 Datasheet
784Kb / 8P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P MURATA-PS-D1U54P Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54P-W-1200-12-HC4PC MURATA-D1U54P-W-1200-12-HC4PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-650-12-HBXC MURATA-PS-D1U54P-W-650-12-HBXC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com