Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLA6H0912L-1000 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BLA6H0912L-1000
Description  LDMOS avionics power transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLA6H0912L-1000 Datasheet(HTML) 1 Page - NXP Semiconductors

  BLA6H0912L-1000_15 Datasheet HTML 1Page - NXP Semiconductors BLA6H0912L-1000_15 Datasheet HTML 2Page - NXP Semiconductors BLA6H0912L-1000_15 Datasheet HTML 3Page - NXP Semiconductors BLA6H0912L-1000_15 Datasheet HTML 4Page - NXP Semiconductors BLA6H0912L-1000_15 Datasheet HTML 5Page - NXP Semiconductors BLA6H0912L-1000_15 Datasheet HTML 6Page - NXP Semiconductors BLA6H0912L-1000_15 Datasheet HTML 7Page - NXP Semiconductors BLA6H0912L-1000_15 Datasheet HTML 8Page - NXP Semiconductors BLA6H0912L-1000_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
1000W LDMOS pulsed power transistor intended for avionics transmitter applications in
the 960 MHz to 1215 MHz frequency range such as Mode-S, TCAS, JTIDS, DME and
TACAN.
1.2 Features and benefits
Easy power control
Integrated ESD protection
High flexibility with respect to pulse formats
Excellent ruggedness
High efficiency
Excellent thermal stability
Designed for broadband operation (960 MHz to 1215 MHz)
Internally matched for ease of use
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
1000 W LDMOS pulsed power transistor intended for Mode-S, TCAS, JTIDS, DME
and TACAN applications in the 960 MHz to 1215 MHz frequency range
BLA6H0912L-1000;
BLA6H0912LS-1000
LDMOS avionics power transistor
Rev. 4 — 2 July 2015
Product data sheet
Table 1.
Application information
Typical RF performance at Tcase =25 C; tp = 50 s; = 2 %; IDq = 200 mA; in a class-AB application
circuit.
Test signal
f
VDS
PL
Gp
D
tr
tf
(MHz)
(V)
(W)
(dB)
(%)
(ns)
(ns)
pulsed RF
1030
50
1000
16
52
11
5


Similar Part No. - BLA6H0912L-1000_15

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLA6H0912L-1000 AMPLEON-BLA6H0912L-1000 Datasheet
969Kb / 13P
   LDMOS avionics power transistor
Rev. 5 ??1 September 2015
More results

Similar Description - BLA6H0912L-1000_15

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLA9H0912L-250 AMPLEON-BLA9H0912L-250 Datasheet
1Mb / 14P
   LDMOS avionics power transistor
Rev. 1 ??14 June 2019
BLA9H0912L-1200P AMPLEON-BLA9H0912L-1200P Datasheet
1Mb / 14P
   LDMOS avionics power transistor
Rev. 1 ??1 November 2018
BLA6H0912L-1000 AMPLEON-BLA6H0912L-1000 Datasheet
969Kb / 13P
   LDMOS avionics power transistor
Rev. 5 ??1 September 2015
logo
NXP Semiconductors
BLA6H1011-600 NXP-BLA6H1011-600 Datasheet
140Kb / 13P
   LDMOS avionics power transistor
Rev. 01-22 April 2010
BLA6H1011-600 PHILIPS-BLA6H1011-600_15 Datasheet
140Kb / 13P
   LDMOS avionics power transistor
Rev. 01-22 April 2010
BLA0912-250R NXP-BLA0912-250R Datasheet
141Kb / 13P
   Avionics LDMOS power transistor
Rev. 01-3 March 2010
logo
Ampleon Netherlands B.V...
BLA6H1011-600 AMPLEON-BLA6H1011-600 Datasheet
913Kb / 13P
   LDMOS avionics power transistor
Rev. 02,1 September 2015
logo
NXP Semiconductors
BLA1011-10 PHILIPS-BLA1011-10 Datasheet
72Kb / 9P
   Avionics LDMOS transistor
2003 Nov 19
BLA1011-2 PHILIPS-BLA1011-2 Datasheet
73Kb / 9P
   Avionics LDMOS transistor
2003 Nov 19
BLA6H0912-500 NXP-BLA6H0912-500 Datasheet
136Kb / 14P
   LDMOS avionics radar power transistor
Rev. 03-30 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com