Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U3CS-W-850-12-HC3C Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # D1U3CS-W-850-12-HC3C
Description  81mm 1U Front End AC-DC Power Supply Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

D1U3CS-W-850-12-HC3C Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  D1U3CS-W-850-12-HC3C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. D1U3CS-W-850-12-HC3C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. D1U3CS-W-850-12-HC3C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. D1U3CS-W-850-12-HC3C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. D1U3CS-W-850-12-HC3C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. D1U3CS-W-850-12-HC3C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
D1U3CS-W-850-12-HxxC Series
81mm 1U Front End AC-DC Power Supply Converter
D1U3CS-W-850-12-HxxC.A03 Page 4 of 6
www.murata-ps.com/support
OUTPUT CONNECTOR AND SIGNAL SPECIFICATION
DC and Signal Connector: FCI 51721-10002406AA
Pin Assignment
Signal Name
Description
Amps per pin
PB1, PB2, PB3
+12V GND
Main output voltage, return
30
PB4, PB5, PB6
+12V OUT
Main output voltage
30
A1
PS_ON
Power supply “ON”
N/A
A2
+12VRS_RETURN
Main output remote sense, return
N/A
A3
TEMP_OK
Temperature “OK” signal output
N/A
A4
PS_SEATED
Power supply is plugged into the system
N/A
A5, B5, C5, D5
+VSB
Standby output voltage
2.0
A6, B6, C6, D6
+VSB GND
Standby output voltage, return
2.0
B1
AC OK
Input AC voltage “OK” signal output
N/A
B2
+12VRS
Main output remote sense
N/A
B3
+12V_ISHARE
Main output active load sharing bus
N/A
B4
PS_INHIBIT/PS_KILL
Floating pin will turn off the power supply (shorter pin, last-
make and first-break contact for hot plugging) . This signal
overrides PS_ON in disabling the main output.
N/A
C1
SDA
I2C Data line
N/A
C2
SCL
I2C Clock line
N/A
C3
PWR_GD
Power good
N/A
C4
FAN_FAIL
Fan failure
N/A
D1
A0
Address line least significant bit
N/A
D2
A1
Address line most significant bit
N/A
D3
S_INT
System interrupt
N/A
D4
NO CONNECTION
N/A
MATING CONNECTORS
Mating Connector
Press Fit
Straight
Right Angle
FCI
TBD
51761-10002406AA
D1
D2
D3
D4
D5
D6
PB1
PB2
PB3
PB4
PB5
PB6
C1
C2
C3
C4
C5
C6
B1
B2
B3
B4
B5
B6
A1
A2
A3
A4
A5
A6


Similar Part No. - D1U3CS-W-850-12-HC3C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U3CS-W-850-12-HC3C MURATA-PS-D1U3CS-W-850-12-HC3C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
More results

Similar Description - D1U3CS-W-850-12-HC3C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U3CS-W-1200-12-HXXC MURATA-PS-D1U3CS-W-1200-12-HXXC Datasheet
568Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U3CS-W-1200-12-HC4C MURATA-D1U3CS-W-1200-12-HC4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U3CS-W-850-12-HXXC MURATA-PS-D1U3CS-W-850-12-HXXC Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
D1U3CS-W-1300F-12-HX4EC MURATA-PS-D1U3CS-W-1300F-12-HX4EC Datasheet
177Kb / 5P
   81mm Front End AC-DC Power Converter
logo
Murata Manufacturing Co...
D1U3CS-W-1300F-12-HA4EC MURATA-D1U3CS-W-1300F-12-HA4EC Datasheet
177Kb / 5P
   81mm Front End AC-DC Power Converter
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-650-12-HBXC MURATA-PS-D1U54P-W-650-12-HBXC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HXX MURATA-PS-D1U86G-W-460-12-HXX Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com