Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4382EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4382EEE
Description  Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4382EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4382EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Ultra-Small, Low-Cost, 210MHz, Single-Supply
Op Amps with Rail-to-Rail Outputs and Disable
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC to VEE)................................................+12V
IN_-, IN_+, OUT_, DISABLE_ ...........(VEE - 0.3V) to (VCC + 0.3V)
Output Short-Circuit to VCC or VEE ...........................................1s
Continuous Power Dissipation (TA = +70°C)
6-Pin SC70 (derate 3.1mW/°C above +70°C) .............245mW
6-Pin SOT23 (derate 7.1mW/°C above +70°C) ...........571mW
10-Pin µMAX (derate 5.6mW/°C above +70°C) ..........444mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C).........727mW
14-Pin SO (derate 8.3mW/°C above +70°C) ...............667mW
16-Pin QSOP (derate 8.3mW/°C above +70°C) ..........667mW
16-Pin Narrow SO (derate 8.7mW/°C above +70°C) ..696mW
20-Pin TSSOP (derate 10.9mW/°C above +70°C).......879mW
Operating Temperature Range. ..........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or at any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS–Single Supply
(VCC = +5V, VEE = 0, VCM = VCC/2, VOUT = VCC/2, RL =
∞ to VCC/2, DISABLE_ = VCC (MAX4380/MAX4381/MAX4382/MAX4384),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common-Mode Voltage
Range
VCM
Guaranteed by CMRR
VEE - 0.2
VCC- 2.25
V
TA = +25°C
0.2
12
Input Offset Voltage
VOS
TA = -40°C to +85°C
20
mV
Input Offset Voltage Matching
MAX4381–MAX4384
1
mV
Input Offset Voltage Tempco
TCVOS
8
µV/°C
Input Bias Current
IB
6.5
20
µA
Input Offset Current
IOS
0.5
7
µA
Differential mode (-1V
≤ VIN ≤ +1V)
70
k
Input Resistance
RIN
Common mode (-0.2V
≤ VCM ≤ +2.75V)
3
M
Common-Mode Rejection Ratio
CMRR
VEE - 0.2V
≤ VCM ≤ VCC - 2.25V
70
95
dB
0.25V
≤ VOUT ≤ 4.75V, RL = 2kΩ
50
61
0.8V
≤ VOUT ≤ 4.5V, RL = 150Ω
48
63
Open-Loop Gain
AVOL
1V
≤ VOUT ≤ 4V, RL = 50Ω
58
dB
VCC - VOH
0.05
0.2
RL = 2k
VOL - VEE
0.05
0.15
VCC - VOH
0.3
0.5
RL = 150
VOL - VEE
0.25
0.8
VCC - VOH
0.5
0.8
RL = 75
VOL - VEE
0.5
1.75
VCC - VOH
1
1.7
Output Voltage Swing
VOUT
RL = 75
Ω to
ground
VOL - VEE
0.025
0.125
V
Sinking from RL = 75
Ω to VCC
40
55
Output Current
IOUT
Sourcing into RL = 75
Ω to VEE
25
50
mA
Output Short-Circuit Current
ISC
Sinking or sourcing
±100
mA
Open-Loop Output Resistance
ROUT
8
Power-Supply Rejection Ratio
PSRR
VS = +4.5V to +5.5V
50
62
dB


Similar Part No. - MAX4382EEE

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MAX4380EUT KOA-MAX4380EUT Datasheet
760Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps
logo
Maxim Integrated Produc...
MAX4383EVKIT MAXIM-MAX4383EVKIT Datasheet
141Kb / 5P
   Eliminates Costly Inductors with More Accurate R-C Components
Rev 0; 3/03
MAX4385E MAXIM-MAX4385E Datasheet
377Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 짹15kV ESD Protection
Rev 0; 4/02
MAX4385EEUK-T MAXIM-MAX4385EEUK-T Datasheet
377Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 짹15kV ESD Protection
Rev 0; 4/02
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
More results

Similar Description - MAX4382EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4389 MAXIM-MAX4389 Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4389 MAXIM-MAX4389_09 Datasheet
576Kb / 24P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
logo
KOA Speer Electronics, ...
MAX4380EUT KOA-MAX4380EUT Datasheet
760Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps
logo
Maxim Integrated Produc...
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4245 MAXIM-MAX4245_11 Datasheet
667Kb / 17P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
Rev 2; 11/11
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4245 MAXIM-MAX4245_V01 Datasheet
2Mb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com