Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF6G38-50 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLF6G38-50
Description  WiMAX power LDMOS transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF6G38-50 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLF6G38-50_15 Datasheet HTML 1Page - NXP Semiconductors BLF6G38-50_15 Datasheet HTML 2Page - NXP Semiconductors BLF6G38-50_15 Datasheet HTML 3Page - NXP Semiconductors BLF6G38-50_15 Datasheet HTML 4Page - NXP Semiconductors BLF6G38-50_15 Datasheet HTML 5Page - NXP Semiconductors BLF6G38-50_15 Datasheet HTML 6Page - NXP Semiconductors BLF6G38-50_15 Datasheet HTML 7Page - NXP Semiconductors BLF6G38-50_15 Datasheet HTML 8Page - NXP Semiconductors BLF6G38-50_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BLF6G38-50_BLF6G38LS-50
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 1 June 2010
5 of 13
NXP Semiconductors
BLF6G38-50; BLF6G38LS-50
WiMAX power LDMOS transistor
7.3 Single carrier N-CDMA broadband performance at 9 W average
7.3.1 Graphs
VDS = 28 V; IDq = 450 mA; f = 3500 MHz.
(1)
f = 10 MHz
(2)
f = 20 MHz
(3)
f = 30 MHz
Fig 3.
Adjacent channel power ratio as a function of average load power; typical values
001aah397
PL(AV) (W)
012
8
4
−50
−40
−60
−30
−20
ACPR
(dBc)
−70
(3)
(2)
(1)
VDS =28V; IDq = 450 mA; Single Carrier N-CDMA;
PAR = 9.7 dB at 0.01 % probability; IBW = 30 kHz.
VDS =28V; IDq = 450 mA; Single Carrier N-CDMA;
PAR = 9.7 dB at 0.01 % probability; IBW = 30 kHz.
(1) Low frequency component
(2) High frequency component
Fig 4.
Power gain and drain efficiency as functions
of frequency; typical values
Fig 5.
Adjacent channel power ratio as a function of
frequency; typical values
f (MHz)
3400
3600
3550
3450
3500
001aah398
12
14
16
Gp
(dB)
10
11
13
15
22
24
26
ηD
(%)
20
21
23
25
Gp
ηD
f (MHz)
3400
3600
3550
3450
3500
001aah399
−60
−50
−40
ACPR
(dBc)
−70
ACPR885k
ACPR1500k
ACPR1980k
(2)
(1)
(2)
(1)
(2)
(1)


Similar Part No. - BLF6G38-50_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G38-50 NXP-BLF6G38-50_10 Datasheet
162Kb / 13P
   WiMAX power LDMOS transistor
Rev. 02-1 June 2010
More results

Similar Description - BLF6G38-50_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G27-10 NXP-BLF6G27-10 Datasheet
117Kb / 15P
   WiMAX power LDMOS transistor
Rev. 01-4 February 2009
BLF6G38-10 PHILIPS-BLF6G38-10_15 Datasheet
351Kb / 16P
   WiMAX power LDMOS transistor
Rev. 2-6 January 2015
BLF6G27-135 NXP-BLF6G27-135 Datasheet
100Kb / 13P
   WiMAX power LDMOS transistor
Rev. 02-26 May 2008
BLF6G38-50 NXP-BLF6G38-50 Datasheet
93Kb / 12P
   WiMAX power LDMOS transistor
Rev. 01-12 February 2008
BLF6G27S-45 NXP-BLF6G27S-45_08 Datasheet
124Kb / 16P
   WiMAX power LDMOS transistor
Rev. 03-15 December 2008
BLF6G27-10 PHILIPS-BLF6G27-10_15 Datasheet
282Kb / 15P
   WiMAX power LDMOS transistor
Rev. 4-16 December 2014
BLF6G38-25 PHILIPS-BLF6G38-25_15 Datasheet
271Kb / 14P
   WiMAX power LDMOS transistor
Rev. 3-11 March 2013
BLF6G38-10 NXP-BLF6G38-10 Datasheet
111Kb / 15P
   WiMAX power LDMOS transistor
Rev. 01-3 February 2009
BLF6G38-25 NXP-BLF6G38-25 Datasheet
104Kb / 13P
   WiMAX power LDMOS transistor
Rev. 02-23 December 2008
BLF6G38-50 NXP-BLF6G38-50_10 Datasheet
162Kb / 13P
   WiMAX power LDMOS transistor
Rev. 02-1 June 2010
BLF6G27-45 NXP-BLF6G27-45 Datasheet
123Kb / 15P
   WiMAX power LDMOS transistor
Rev. 02-7 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com