Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4386EESD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4386EESD
Description  Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 짹15kV ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4386EESD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4386EESD Datasheet HTML 2Page - Maxim Integrated Products MAX4386EESD Datasheet HTML 3Page - Maxim Integrated Products MAX4386EESD Datasheet HTML 4Page - Maxim Integrated Products MAX4386EESD Datasheet HTML 5Page - Maxim Integrated Products MAX4386EESD Datasheet HTML 6Page - Maxim Integrated Products MAX4386EESD Datasheet HTML 7Page - Maxim Integrated Products MAX4386EESD Datasheet HTML 8Page - Maxim Integrated Products MAX4386EESD Datasheet HTML 9Page - Maxim Integrated Products MAX4386EESD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Low-Cost, 230MHz, Single/Quad Op Amps with
Rail-to-Rail Outputs and ±15kV ESD Protection
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 5V, VEE = 0, VCM = 1.5V, AVCL = 1V/V, RL = 100
Ω to VCC/2, TA = +25°C, unless otherwise noted.)
CURRENT NOISE vs. FREQUENCY
FREQUENCY (Hz)
10
100
1k
10k
10
100
1
1
100k
RL = 100
2
6
4
10
8
14
12
16
0200
100
300
400
500
ISOLATION RESISTANCE
vs. CAPACITIVE LOAD
CLOAD (pF)
0
0
50
100
150
200
250
300
0200
100
300 400 500 600 700 800
SMALL-SIGNAL BANDWIDTH
vs. LOAD RESISTANCE
RLOAD (
Ω)
80
0
100
1k
10k
OPEN-LOOP GAIN vs. RESISTIVE LOAD
20
10
RLOAD (
Ω)
40
30
50
60
70
VCC = 5V
CROSSTALK vs. FREQUENCY
FREQUENCY (Hz)
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
100k
1M
10M
100M
1G
0
1.5V
VOUT
0
5V
DISABLE
SHUTDOWN RESPONSE
200ns/div
INPUT
500mV/div
OUTPUT
1V/div
LARGE-SIGNAL PULSE RESPONSE
20ns/div
AVCL = 2V/V
RF = 200
INPUT
200mV/div
OUTPUT
1V/div
LARGE-SIGNAL PULSE RESPONSE
20ns/div
AVCL = 5V/V
RF = 250
VOLTAGE NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
10
10
100
1000
1
1
100k
RL = 100


Similar Part No. - MAX4386EESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX438 MAXIM-MAX438 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
logo
KOA Speer Electronics, ...
MAX4380EUT KOA-MAX4380EUT Datasheet
760Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps
logo
Maxim Integrated Produc...
MAX4380EUT-T MAXIM-MAX4380EUT-T Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
MAX4380EXT-T MAXIM-MAX4380EXT-T Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
More results

Similar Description - MAX4386EESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
MAX4480 MAXIM-MAX4480_V01 Datasheet
2Mb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4480 MAXIM-MAX4480 Datasheet
471Kb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4480 MAXIM-MAX4480_12 Datasheet
288Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 2; 10/12
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com