Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4386EESD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4386EESD
Description  Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 짹15kV ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4386EESD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4386EESD Datasheet HTML 5Page - Maxim Integrated Products MAX4386EESD Datasheet HTML 6Page - Maxim Integrated Products MAX4386EESD Datasheet HTML 7Page - Maxim Integrated Products MAX4386EESD Datasheet HTML 8Page - Maxim Integrated Products MAX4386EESD Datasheet HTML 9Page - Maxim Integrated Products MAX4386EESD Datasheet HTML 10Page - Maxim Integrated Products MAX4386EESD Datasheet HTML 11Page - Maxim Integrated Products MAX4386EESD Datasheet HTML 12Page - Maxim Integrated Products MAX4386EESD Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Low-Cost, 230MHz, Single/Quad Op Amps with
Rail-to-Rail Outputs and ±15kV ESD Protection
_______________________________________________________________________________________
9
Rail-to-Rail Outputs,
Ground-Sensing Inputs
The input common-mode range extends from (VEE -
200mV) to (VCC - 2.25V) with excellent common-mode
rejection. Beyond this range, the amplifier output is a
nonlinear function of the input, but does not undergo
phase reversal or latchup.
The output swings to within 50mV of either power-sup-
ply rail with a 2k
Ω load. The input ground sensing and
the rail-to-rail output substantially increase the dynamic
range. The input can swing 2.95VP-P and the output
can swing 4.9VP-P with minimal distortion.
Output Capacitive Loading and Stability
The MAX4385E/MAX4386E are optimized for AC perfor-
mance and do not drive highly reactive loads, which
decreases phase margin and may produce excessive
ringing and oscillation. Figure 2 shows a circuit that
eliminates this problem. Figure 3 is a graph of the
Optimal Isolation Resistor (RS) vs. Capacitive Load.
Figure 4 shows how a capacitive load causes exces-
sive peaking of the amplifier’s frequency response if
the capacitor is not isolated from the amplifier by a
resistor. A small isolation resistor (usually 10
Ω to 15Ω)
placed before the reactive load prevents ringing and
oscillation. At higher capacitive loads, the interaction of
the load capacitance and the isolation resistor controls
the AC performance. Figure 5 shows the effect of a
15
Ω isolation resistor on closed-loop response.
6
-4
100k
10M
100M
1M
1G
-2
FREQUENCY (Hz)
0
2
4
5
-3
-1
1
3
CL = 10pF
CL = 15pF
CL = 5pF
Figure 4. Small-Signal Gain vs. Frequency with Load
Capacitance and No Isolation Resistor
Figure 2. Driving a Capacitive Load Through an Isolation Resistor
9
11
10
13
12
15
14
16
0
200
100
300
400
50
250
150
350
450 500
ISOLATION RESISTANCE
vs. CAPACITIVE LOAD
CLOAD (pF)
Figure 3. Isolation Resistance vs. Capacitive Load
RG
RF
RISO
CL
VOUT
VIN
MAX438_E
3
-7
100k
10M
100M
1M
1G
-5
FREQUENCY (Hz)
-3
-1
1
2
-6
-4
-2
0
CL = 68pF
RISO = 15
CL = 120pF
CL = 47pF
Figure 5. Small-Signal Gain vs. Frequency with Load
Capacitance and 27
Ω Isolation Resistor


Similar Part No. - MAX4386EESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX438 MAXIM-MAX438 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
logo
KOA Speer Electronics, ...
MAX4380EUT KOA-MAX4380EUT Datasheet
760Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps
logo
Maxim Integrated Produc...
MAX4380EUT-T MAXIM-MAX4380EUT-T Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
MAX4380EXT-T MAXIM-MAX4380EXT-T Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
More results

Similar Description - MAX4386EESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
MAX4480 MAXIM-MAX4480_V01 Datasheet
2Mb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4480 MAXIM-MAX4480 Datasheet
471Kb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4480 MAXIM-MAX4480_12 Datasheet
288Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 2; 10/12
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com