Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4385E Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4385E
Description  Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 짹15kV ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4385E Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4385E Datasheet HTML 5Page - Maxim Integrated Products MAX4385E Datasheet HTML 6Page - Maxim Integrated Products MAX4385E Datasheet HTML 7Page - Maxim Integrated Products MAX4385E Datasheet HTML 8Page - Maxim Integrated Products MAX4385E Datasheet HTML 9Page - Maxim Integrated Products MAX4385E Datasheet HTML 10Page - Maxim Integrated Products MAX4385E Datasheet HTML 11Page - Maxim Integrated Products MAX4385E Datasheet HTML 12Page - Maxim Integrated Products MAX4385E Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Low-Cost, 230MHz, Single/Quad Op Amps with
Rail-to-Rail Outputs and ±15kV ESD Protection
10
______________________________________________________________________________________
ESD Protection
As with all Maxim devices, ESD protection structures
are incorporated on all pins to protect against ESD
encountered during handling and assembly. Input and
output pins of the MAX4385E/MAX4386E have extra
protection against static electricity. Maxim’s engineers
have developed state-of-the-art structures enabling
these pins to withstand ESD up to ±15kV without dam-
age when placed in the test circuit (Figure 6). The
MAX4385E/MAX4386E are characterized for protection
to the following limits:
• ±15kV using the Human Body Model
• ±8kV using the Contact Discharge method specified
in IEC 1000-4-2
• ±15kV using the Air-Gap Discharge method speci-
fied in IEC 1000-4-2
Human Body Model
Figure 7 shows the Human Body Model, and Figure 8
shows the current waveform it generates when dis-
charged into a low impedance. This model consists of a
150pF capacitor charged to the ESD voltage of interest,
and then discharged into the test device through a
1.5k
Ω resistor.
IEC 1000-4-2
The IEC 1000-4-2 standard covers ESD testing and
performance of finished equipment; it does not specifi-
cally refer to ICs. The MAX4385E/MAX4386E enable the
design of equipment that meets the highest level (Level
4) of IEC 1000-4-2 without the need for additional ESD
protection components. The major difference between
tests done using the Human Body Model and IEC 1000-
4-2 is higher peak current in IEC 1000-4-2. Because
series resistance is lower in the IEC 1000-4-2 model,
the ESD-withstand voltage measured to this standard is
generally lower than that measured using the Human
Body. Figure 10 shows the IEC 1000-4-2 model and
Figure 9 shows the current waveform for the ±8kV IEC
1000-4-2 Level 4 ESD Contact Discharge test. The Air-
Gap test involves approaching the device with a
charged probe. The Contact Discharge method con-
nects the probe to the device before the probe is ener-
gized.
HIGH-
VOLTAGE
DC
SOURCE
CHARGE CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
RD = 1.5k
RC = 1M
CS = 150pF
DEVICE
UNDER
TEST
Figure 7. Human Body ESD Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 8. Human Body Current Waveform
220
220
75
MAX438_E
5V
CBYPASS
2.2
µF
75
TEST
POINT B
TEST
POINT A
VEE
Figure 6. ESD Test Circuit


Similar Part No. - MAX4385E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
More results

Similar Description - MAX4385E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
MAX4480 MAXIM-MAX4480_V01 Datasheet
2Mb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4480 MAXIM-MAX4480 Datasheet
471Kb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4480 MAXIM-MAX4480_12 Datasheet
288Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 2; 10/12
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com