Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT8SLVP1102I Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT8SLVP1102I
Description  Maximum input clock frequency
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8SLVP1102I Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT8SLVP1102I Datasheet HTML 1Page - Integrated Device Technology IDT8SLVP1102I Datasheet HTML 2Page - Integrated Device Technology IDT8SLVP1102I Datasheet HTML 3Page - Integrated Device Technology IDT8SLVP1102I Datasheet HTML 4Page - Integrated Device Technology IDT8SLVP1102I Datasheet HTML 5Page - Integrated Device Technology IDT8SLVP1102I Datasheet HTML 6Page - Integrated Device Technology IDT8SLVP1102I Datasheet HTML 7Page - Integrated Device Technology IDT8SLVP1102I Datasheet HTML 8Page - Integrated Device Technology IDT8SLVP1102I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
IDT8SLVP1102ANLI REVISION A FEBRUARY 25, 2014
2
©2014 Integrated Device Technology, Inc.
IDT8SLVP1102I Data Sheet
LOW PHASE NOISE, 1-TO-2, 3.3V, 2.5V LVPECL OUTPUT FANOUT BUFFER
Pin Descriptions and Characteristics
Table 1. Pin Descriptions
NOTE: Pulldown and Pullup refers to an internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 16
VEE
Power
Negative supply pins.
2, 3, 4,
13, 14, 15
nc
Unused
Do not connect.
5VCC
Power
Power supply pin.
6
PCLK
Input
Pulldown
Non-inverting differential LVPECL clock/data input.
7
nPCLK
Input
Pullup/
Pulldown/
Inverting differential LVPECL clock/data input. VCC/2 default when left
floating.
8VREF
Output
Bias voltage reference for the PCLK input.
9, 10
Q0, nQ0
Output
Differential output pair 0. LVPECL interface levels.
11, 12
Q1, nQ1
Output
Differential output pair 1. LVPECL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2
pF
RPULLDOWN
Input Pulldown Resistor
51
k
RPULLUP
Input Pullup Resistor
51
k


Similar Part No. - IDT8SLVP1102I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8SLVP1104I IDT-IDT8SLVP1104I Datasheet
375Kb / 22P
   Maximum input clock frequency
logo
Renesas Technology Corp
IDT8SLVP1104I RENESAS-IDT8SLVP1104I Datasheet
1Mb / 22P
   Low Phase Noise, 1-to-4, 3.3V, 2.5V LVPECL Output Fanout Buffer
2019
More results

Similar Description - IDT8SLVP1102I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8SLVD1208I IDT-IDT8SLVD1208I Datasheet
374Kb / 20P
   Maximum input clock frequency
8SLVP2104 IDT-8SLVP2104 Datasheet
880Kb / 23P
   Maximum input clock frequency
8SLVP1204 IDT-8SLVP1204 Datasheet
486Kb / 25P
   Maximum input clock frequency
IDT8SLVP1104I IDT-IDT8SLVP1104I Datasheet
375Kb / 22P
   Maximum input clock frequency
IDT8SLVP1212I IDT-IDT8SLVP1212I Datasheet
881Kb / 25P
   Maximum input clock frequency
IDT8SLVP2102I IDT-IDT8SLVP2102I Datasheet
956Kb / 23P
   Maximum input clock frequency
IDT8P34S1204I IDT-IDT8P34S1204I Datasheet
344Kb / 19P
   Maximum input clock frequency
ICS831742I IDT-ICS831742I Datasheet
517Kb / 18P
   Maximum input/output clock frequency
logo
Unisonic Technologies
U8C3525G-S16-R UTC-U8C3525G-S16-R Datasheet
183Kb / 6P
   Maximum clock frequency
logo
Integrated Device Techn...
ICS853S057I IDT-ICS853S057I Datasheet
852Kb / 16P
   Maximum input/output frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com