Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWDMG_48CH Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # CWDMG_48CH
Description  Oplink?셲 Coarse Wavelength Division Multiplexer is based on patented athermal platform for optical device.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

CWDMG_48CH Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  CWDMG_48CH Datasheet HTML 1Page - OPLINK Communications Inc. CWDMG_48CH Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
CWDMG
Ordering Information
Mechanical Drawing / Package Dimensions (dimensions in mm)
Oplink can provide a remarkable range of customized optical solutions. For details, please contact Oplink’s OEM
design team or account manager with your requirements and ordering information (510) 933-7200.
* Unused holes will be blocked
Fiber Jacket
900μm loose tube = 2
3mm cable = 3
2mm cable = 4
Channels
Operating Wavelength Range*
Shortest Channel Wavelength
Fiber Length
4 ch = 04
8 ch = 08
1460~1620nm = 0
1260~1620nm = 1
Refer ITU Grid Table
1.0 meter = 1**
1.5 meters = 5
2.0 meters = 2
Connector
Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC = 9
MU = A***
Coarse Wavelength Division Multiplexer
CWDMG 4/8ch Series
S0008 - R02. (web) 20120828
* 1460~1620nm operating wavelength range is applicable for 1471~1611nm and 1470~1610nm channels only.
1260~1620nm operating wavelength range is applicable for all channels.
** Tolerance for fiber length is +/-0.1m. 1 meter is standard. The lead-time for special fiber length will be longer.
*** Not available for 3mm cable option.


Similar Part No. - CWDMG_48CH

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CWDMG1471000111 OPLINK-CWDMG1471000111 Datasheet
188Kb / 2P
   Single Channel CWDM OADM
CWDMG1471000112 OPLINK-CWDMG1471000112 Datasheet
188Kb / 2P
   Single Channel CWDM OADM
CWDMG14710001H1 OPLINK-CWDMG14710001H1 Datasheet
188Kb / 2P
   Single Channel CWDM OADM
CWDMG14710001H2 OPLINK-CWDMG14710001H2 Datasheet
188Kb / 2P
   Single Channel CWDM OADM
CWDMG1471000211 OPLINK-CWDMG1471000211 Datasheet
188Kb / 2P
   Single Channel CWDM OADM
More results

Similar Description - CWDMG_48CH

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DWDMG2_48CH OPLINK-DWDMG2_48CH Datasheet
283Kb / 2P
   Oplink?셲 200GHz Dense Wavelength Division Multiplexer is based on patented athermal platform for optical device.
DWDMG1_48CH OPLINK-DWDMG1_48CH Datasheet
283Kb / 2P
   Oplink?셲 100GHz Dense Wavelength Division Multiplexer is based on patented athermal platform for optical device.
CWDMG_1X2 OPLINK-CWDMG_1X2 Datasheet
188Kb / 2P
   Oplink?셲 single channel Coarse WDM is based on patented athermal platform for optical device.
logo
Emcore Corporation
6925WM-SDSP EMCORE-6925WM-SDSP Datasheet
136Kb / 2P
   Coarse Wavelength-division Multiplexer
logo
OPLINK Communications I...
LWDM OPLINK-LWDM Datasheet
165Kb / 2P
   Oplink?셲 Green LAN (Local Area Network) Wavelength Division Multiplexer is designed to meet industrial stringent size and loss requirement.
logo
JDS Uniphase Corporatio...
WDM-CAD04000 JDSU-WDM-CAD04000 Datasheet
160Kb / 3P
   Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
logo
OPLINK Communications I...
OFMS1X8 OPLINK-OFMS1X8 Datasheet
279Kb / 3P
   The OFMS series 1x8 optical fiber switch is based on Oplink?셲 patented opto-mechanical switches with unique prism design to improve the switch repeatability and stability.
AWGM5-S0154 OPLINK-AWGM5-S0154 Datasheet
272Kb / 2P
   Planar Waveguide Dense Wavelength Division Multiplexer/Demultiplexer
logo
JDS Uniphase Corporatio...
WDM-1MD825601 JDSU-WDM-1MD825601 Datasheet
192Kb / 4P
   100 GHz Wavelength Division Multiplexer/Demultiplexer (WDM) Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com