Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4364-MAX4365 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4364-MAX4365
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4364-MAX4365 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4364-MAX4365 Datasheet HTML 1Page - Maxim Integrated Products MAX4364-MAX4365 Datasheet HTML 2Page - Maxim Integrated Products MAX4364-MAX4365 Datasheet HTML 3Page - Maxim Integrated Products MAX4364-MAX4365 Datasheet HTML 4Page - Maxim Integrated Products MAX4364-MAX4365 Datasheet HTML 5Page - Maxim Integrated Products MAX4364-MAX4365 Datasheet HTML 6Page - Maxim Integrated Products MAX4364-MAX4365 Datasheet HTML 7Page - Maxim Integrated Products MAX4364-MAX4365 Datasheet HTML 8Page - Maxim Integrated Products MAX4364-MAX4365 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VCC = 5V, THD + N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
FREQUENCY (Hz)
100
1k
0.1
1
10
0.01
0
10k
VCC = 5V
AV = 4V/V
RL = 8
0.25W
0.5W
0.75W
MAX4365
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
MAX4365
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
100
1k
0.1
1
10
0.01
0
10k
VCC = 5V
AV = 2V/V
RL = 8
0.25W
0.5W
0.75W
MAX4364
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
35
10
-15
20
40
60
80
100
0
-40
85
60
VCC = 5V
MAX4364
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
2
4
6
8
12
0
2.7
5.5
10
MAX4364
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
35
10
-15
6
7
8
9
10
5
-40
85
60
VCC = 5V
MAX4364
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
6.5
7.0
7.5
8.0
9.0
6.0
2.7
5.5
8.5
MAX4364
POWER DISSIPATION vs. OUTPUT POWER
OUTPUT POWER (mW)
300
200
100
30
90
210
270
300
0
0
500
400
VCC = 3V
fIN = 1kHz
RL = 8
150
60
120
240
180
MAX4364
POWER DISSIPATION vs. OUTPUT POWER
OUTPUT POWER (mW)
900
600
300
70
210
490
630
700
0
0
1500
1200
VCC = 5V
fIN = 1kHz
RL = 8
350
140
280
560
420
MAX4364
OUTPUT POWER vs. LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
30
20
10
200
400
800
1000
1200
0
050
40
600
VCC = 3V
fIN = 1kHz
10% THD + N
1% THD + N


Similar Part No. - MAX4364-MAX4365

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4364 MAXIM-MAX4364 Datasheet
415Kb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 4; 5/11
MAX4364 MAXIM-MAX4364 Datasheet
2Mb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
MAX4364ESA MAXIM-MAX4364ESA Datasheet
415Kb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 4; 5/11
MAX4364ESA/V+T MAXIM-MAX4364ESA/V+T Datasheet
2Mb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
MAX4364 MAXIM-MAX4364_11 Datasheet
415Kb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 4; 5/11
More results

Similar Description - MAX4364-MAX4365

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4364 MAXIM-MAX4364_V01 Datasheet
2Mb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
MAX4364 MAXIM-MAX4364_11 Datasheet
415Kb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 4; 5/11
MAX4366 MAXIM-MAX4366 Datasheet
494Kb / 18P
   330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 2; 12/02
MAX4366 MAXIM-MAX4366_V01 Datasheet
293Kb / 16P
   330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2338; Rev 5; 6/08
logo
National Semiconductor ...
LM4860 NSC-LM4860 Datasheet
278Kb / 9P
   Series 1W Audio Power Amplifier with Shutdown Mode
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
logo
Texas Instruments
LM4860M_NOPB TI1-LM4860M_NOPB Datasheet
1,004Kb / 20P
[Old version datasheet]   Series 1W Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4860 NSC-LM4860_00 Datasheet
323Kb / 11P
   Series 1W Audio Power Amplifier with Shutdown Mode
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com