Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4365EUA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4365EUA
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4365EUA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4365EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 9Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 10Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 11Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 12Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 13Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
The increase in power delivered by the BTL configura-
tion directly results in an increase in internal power dis-
sipation over the single-ended configuration. The
maximum power dissipation for a given VCC and load is
given by the following equation:
If the power dissipation for a given application exceeds
the maximum allowed for a given package, reduce
VCC, increase load impedance, decrease the ambient
temperature or add heat sinking to the device. Large
output, supply, and ground PC board traces improve
the maximum power dissipation in the package.
Thermal-overload protection limits total power dissipa-
tion in the MAX4364/MAX4365. When the junction tem-
perature exceeds +160°C, the thermal protection
circuitry disables the amplifier output stage. The ampli-
fiers are enabled once the junction temperature cools
by 15°C. This results in a pulsing output under continu-
ous thermal overload conditions as the device heats
and cools.
The MAX4365 QFN package features an exposed ther-
mal pad on its underside. This pad lowers the thermal
resistance of the package by providing a direct heat
conduction path from the die to the PC board. Connect
the exposed thermal pad to circuit ground by using a
large pad, ground plane, or multiple vias to the ground
plane.
Efficiency
The efficiency of the MAX4364/MAX4365 is calculated
by taking the ratio of the power delivered to the load to
the power consumed from the power supply. Output
power is calculated by the following equations:
where VPEAK is half the peak-to-peak output voltage. In
BTL amplifiers, the supply current waveform is a full-
wave rectified sinusoid with the magnitude proportional
to the peak output voltage and load. Calculate the sup-
ply current and power drawn from the power supply by
the following:
The efficiency of the MAX4364/MAX4365 is:
The device efficiency values in Table 1 are calculated
based on the previous equation and do include the
effects of quiescent current. Note that efficiency is low
at low output-power levels, but remains relatively con-
stant at normal operating, output-power levels.
Component Selection
Gain-Setting Resistors
External feedback components set the gain of both
devices. Resistors RF and RIN (see Typical Application
Circuit/Functional Diagram) set the gain of the amplifier
as follows:
Optimum output offset is achieved when RF = 20k
Ω.
Vary the gain by changing the value of RIN. When using
the MAX4364/MAX4365 in a high-gain configuration
(greater than 8V/V), a feedback capacitor may be
required to maintain stability (see Figure 2). CF and RF
limit the bandwidth of the device, preventing high-fre-
quency oscillations. Ensure that the pole created by CF
and RF is not within the frequency band of interest.
Input Filter
The input capacitor (CIN), in conjunction with RIN forms
a highpass filter that removes the DC bias from an
incoming signal. The AC-coupling capacitor allows the
amplifier to bias the signal to an optimum DC level.
Assuming zero source impedance, the -3dB point of
the highpass filter is given by:
Choose RIN according to the Gain-Setting Resistors
section. Choose CIN such that f-3dB is well below the
lowest frequency of interest. Setting f-3dB too high
affects the low-frequency response of the amplifier. Use
capacitors whose dielectrics have low-voltage coeffi-
ƒ=
−3
1
2
dB
IN IN
RC
π
A
R
R
VD
F
IN
2
η
π
==
P
P
PR
V
OUT
IN
OUT L
CC
2
2
PV
V
R
IN
CC
PEAK
L
=


2
π
I
V
R
CC
PEAK
L
=
2
π
P
V
R
OUT
PEAK
L
=
2
2
P
V
R
DISS MAX
CC
L
() =
2
2
2
π
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
10
______________________________________________________________________________________


Similar Part No. - MAX4365EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4365EUA MAXIM-MAX4365EUA Datasheet
415Kb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 4; 5/11
MAX4365EUA++ MAXIM-MAX4365EUA+ Datasheet
2Mb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
More results

Similar Description - MAX4365EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4364 MAXIM-MAX4364_V01 Datasheet
2Mb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
MAX4364 MAXIM-MAX4364_11 Datasheet
415Kb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 4; 5/11
MAX4366 MAXIM-MAX4366 Datasheet
494Kb / 18P
   330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 2; 12/02
MAX4366 MAXIM-MAX4366_V01 Datasheet
293Kb / 16P
   330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2338; Rev 5; 6/08
logo
National Semiconductor ...
LM4860 NSC-LM4860 Datasheet
278Kb / 9P
   Series 1W Audio Power Amplifier with Shutdown Mode
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
logo
Texas Instruments
LM4860M_NOPB TI1-LM4860M_NOPB Datasheet
1,004Kb / 20P
[Old version datasheet]   Series 1W Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4860 NSC-LM4860_00 Datasheet
323Kb / 11P
   Series 1W Audio Power Amplifier with Shutdown Mode
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com