Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS844S42I Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS844S42I
Description  On-chip crystal oscillator for reference frequency generation
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS844S42I Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS844S42I Datasheet HTML 5Page - Integrated Device Technology ICS844S42I Datasheet HTML 6Page - Integrated Device Technology ICS844S42I Datasheet HTML 7Page - Integrated Device Technology ICS844S42I Datasheet HTML 8Page - Integrated Device Technology ICS844S42I Datasheet HTML 9Page - Integrated Device Technology ICS844S42I Datasheet HTML 10Page - Integrated Device Technology ICS844S42I Datasheet HTML 11Page - Integrated Device Technology ICS844S42I Datasheet HTML 12Page - Integrated Device Technology ICS844S42I Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
ICS844S42BKI REVISION A FEBRUARY 21, 2012
9
©2012 Integrated Device Technology, Inc.
ICS844S42I Data Sheet
DUAL OUTPUT RF FREQUENCY SYNTHESIZER
Programming the I2C Interface
Table 3I. I2C Slave Address Table
The ICS844S42I acts as a slave device at the I2C bus. The register
file is reset to its default values at power-up by an integrated
power-on reset circuit or by applying an external device reset signal
(nMR).The 7-bit I2C slave address of the ICS844S42I synthesizer is
a combination of a 5-bit fixed addresses and two variable bits which
are set by the hardware pins ADR[1:0]. Bit 0 of the ICS844S42I
slave address is used by the bus controller to select either the read
or write mode. ‘0’ indicates a transmission (I2C-WRITE) to the
ICS844S42I. “1” indicates a request for data (I2C-READ) from the
synthesizer. The hardware pins ADR1 and ADR0 and should be
individually set by the user to avoid address conflicts of multiple
ICS844S42I devices on the same I2C bus.
Each access to the I2C register file must read or write the entire four
register bytes at one time. Each transfer starts with register 0x00H,
followed by register 0x01H, until register 0x02H. Addressing
individual bytes is not supported. The bytes will program internal part
circuitry upon receipt of all three bytes and a given I2C bus <STOP>
signal.
Device Startup
General Device Configuration: It is recommended to reset the
ICS844S42I after the system powers up. The device acquires an
initial PLL divider configuration through the parallel interface pins
M[9:0], NA[2:0], NB[2:0] and PNOTE1 with the low-to-high transition of
nMRNOTE2. PLL frequency lock is achieved within the specified lock
time (tLOCK) and is indicated by an assertion of the LOCK_DT signal
which completes the startup procedure. The output frequency can
be reconfigured at any time through either the parallel or the serial
interface.
Starting-Up Using the Parallel Interface
The simplest way to use the ICS844S42I is through the parallel
interface. The serial interface pins (SDA, SDL, and ADR[1:0]) can be
left open and nPLOAD is set to logic low. After the release of nMR
and at any other time the PLL and output frequency configuration is
directly set to through the M[9:0], NA[2:0], NB[2:0] and P pins.
Table 3J. REF_SEL Configuration Table
Table 3K. nBYPASS Configuration Table
The nBYPASS control should be set to logic LOW for normal
operation. nBYPASS = 1 enables the PLL bypass mode for factory
test. In PLL bypass mode, the output frequency is equal to the input
frequency divided by NA, NB and frequency multiplication is
disabled.
Table 3L. nMR Configuration Table
The output type and output voltage levels of both outputs are
configured through the configuration input LEV_SEL. LEV_SEL
connected to logic high results in LVPECL output levels and
LEV_SEL connected to logic low results in LVDS output levels of
both QA and QB differential outputs.
Table 3M. LEV_SEL Configuration Table
Table 3N. LOCK_DT Configuration Table
NOTE 1: The parallel interface pins M[9:0], NA[2:0], NB[2:0] and P may be left open (floating). In this case the initial PLL configuration will have the default
setting of M = 625MHz, P = 1 (÷4), NA[2:0] = 000 (÷1), NB[2:0] = 000 (÷1), resulting in an internal VCO frequency of 2500MHz (fREF = 16MHz) and an output
frequency of 2500MHz at both outputs.
NOTE 2: The initial PLL configuration is independent on the selected programming mode (nPLOAD low or high).
Bit
7
6
5
4
3
2
1
0
Value
1
0
1
1
0
ADR1
ADR0
R/W
REF_SEL
Operation
0
Selects REF_CLK input as reference frequency
input
1 (default)
Selects the XTAL interface as reference frequency
nBYPASS
Operation
0 (default)
fQA, fQB = ((fREF ÷ P) * M) ÷ NA, NB
PLL operation
1
fQA, fQB = fREF ÷ NA, NB
PLL is bypassed, AC specifications do not apply
nMR
Operation
0
The device is reset and the default settings are
loaded into the I2C file (low to high transition of nMR)
1 (default)
Normal operation
LEV_SEL
Operation
0 (default)
QA, QB outputs are LVDS compatible
1
QA, QB outputs are LVPECL compatible
LOCK_DT
Operation
0
Device is not locked to the input reference clock
1
Device is locked to the input reference clock


Similar Part No. - ICS844S42I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS844S42I RENESAS-ICS844S42I Datasheet
705Kb / 29P
   Dual Output RF Frequency Synthesizer
April 28, 2016
More results

Similar Description - ICS844S42I

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
68HC05V12 NXP-68HC05V12 Datasheet
2Mb / 240P
   M68HC05 Core with On-Chip Oscillator for Crystal/Ceramic
Rev. 1.0 December 10, 1996
68HC705C5 NXP-68HC705C5 Datasheet
4Mb / 74P
   On-Chip Oscillator with Crystal/Ceramic Resonator
REV. 1.3
logo
Maxim Integrated Produc...
MAX3674EVKIT MAXIM-MAX3674EVKIT Datasheet
621Kb / 10P
   On-Board 16MHz Crystal Reference
Rev 0; 5/08
logo
Vanlong Technology Co.,...
PO300F VANLONG-PO300F Datasheet
39Kb / 1P
   Fixed Frequency Crystal Oscillator
logo
NIHON DEMPA KOGYO
NW19M12WA NDK-NW19M12WA_11 Datasheet
275Kb / 1P
   Frequency Controlled Crystal Oscillator
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
SG-636 ETC1-SG-636 Datasheet
68Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Vanlong Technology Co.,...
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
logo
Silicon Laboratories
SI512 SILABS-SI512 Datasheet
1Mb / 20P
   DUAL FREQUENCY CRYSTAL OSCILLATOR
logo
Vanlong Technology Co.,...
PO300H VANLONG-PO300H Datasheet
38Kb / 1P
   Fixed Frequency Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com