Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLC9G20LS-120V Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLC9G20LS-120V
Description  Power LDMOS transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLC9G20LS-120V Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLC9G20LS-120V_15 Datasheet HTML 2Page - NXP Semiconductors BLC9G20LS-120V_15 Datasheet HTML 3Page - NXP Semiconductors BLC9G20LS-120V_15 Datasheet HTML 4Page - NXP Semiconductors BLC9G20LS-120V_15 Datasheet HTML 5Page - NXP Semiconductors BLC9G20LS-120V_15 Datasheet HTML 6Page - NXP Semiconductors BLC9G20LS-120V_15 Datasheet HTML 7Page - NXP Semiconductors BLC9G20LS-120V_15 Datasheet HTML 8Page - NXP Semiconductors BLC9G20LS-120V_15 Datasheet HTML 9Page - NXP Semiconductors BLC9G20LS-120V_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BLC9G20LS-120V
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Objective data sheet
Rev. 1 — 3 July 2015
6 of 14
NXP Semiconductors
BLC9G20LS-120V
Power LDMOS transistor
7.4 Test circuit
[1]
American Technical Ceramics type 600F or capacitor of same quality.
[2]
American Technical Ceramics type 100A or capacitor of same quality.
[3]
Murata or capacitor of same quality.
Printed-Circuit Board (PCB): Rogers RO4350B with a thickness of 0.76 mm.
See Table 9 for a list of components.
Fig 3.
Component layout for test circuit
Table 9.
List of components
See Figure 3 for component layout.
Component
Description
Value
Remarks
C1, C7
multilayer ceramic chip capacitor
43 pF
[1] ATC 600F
C2
multilayer ceramic chip capacitor
3.9 pF
[2] ATC 100A
C3, C4, C5, C9
multilayer ceramic chip capacitor
1.0
F, 50 V
[3] Murata
C6
multilayer ceramic chip capacitor
1.5 pF
[1] ATC 600F
C8
multilayer ceramic chip capacitor
220 nF, 50 V
[3] Murata
C10
electrolytic capacitor
> 470
F, 50 V
R1
SMD resistor
2.2
, 1 % tolerance
SMD 1206


Similar Part No. - BLC9G20LS-120V_15

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLC9G21LS-60AV AMPLEON-BLC9G21LS-60AV Datasheet
1Mb / 15P
   Power LDMOS transistor
Rev. 1 ??6 July 2017
BLC9G22LS-160VT AMPLEON-BLC9G22LS-160VT Datasheet
1Mb / 16P
   Power LDMOS transistor
Rev. 2 ??24 May 2017
logo
NXP Semiconductors
BLC9G27LS-150AV PHILIPS-BLC9G27LS-150AV_15 Datasheet
188Kb / 14P
   Power LDMOS transistor
Rev. 1-6 November 2014
logo
Ampleon Netherlands B.V...
BLC9G27XS-380AVT AMPLEON-BLC9G27XS-380AVT Datasheet
1Mb / 14P
   Power LDMOS transistor
Rev. 2 ??24 November 2017
More results

Similar Description - BLC9G20LS-120V_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com