Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4297 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4297
Description  Mono/Stereo 2W Switch-Mode (Class-D) Audio Power Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4297 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4297 Datasheet HTML 4Page - Maxim Integrated Products MAX4297 Datasheet HTML 5Page - Maxim Integrated Products MAX4297 Datasheet HTML 6Page - Maxim Integrated Products MAX4297 Datasheet HTML 7Page - Maxim Integrated Products MAX4297 Datasheet HTML 8Page - Maxim Integrated Products MAX4297 Datasheet HTML 9Page - Maxim Integrated Products MAX4297 Datasheet HTML 10Page - Maxim Integrated Products MAX4297 Datasheet HTML 11Page - Maxim Integrated Products MAX4297 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Mono/Stereo 2W Switch-Mode (Class-D)
Audio Power Amplifiers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = PVCC = +3V, input amplifier gain = -1, SHDN = VCC , TA = +25°C, unless otherwise noted.)
0
30
20
10
40
50
60
70
80
90
100
0
1.0
0.5
1.5
2.0
MAX4295 EFFICIENCY
vs. OUTPUT POWER (fIN = 1kHz)
OUTPUT POWER (W)
2.5
VCC = +5V
RL = 4
1MHz
125kHz
250kHz
500kHz
0
30
20
10
40
50
60
70
80
90
100
0
0.2
0.1
0.3
0.4
MAX4295 EFFICIENCY
vs. OUTPUT POWER (fIN = 1kHz)
OUTPUT POWER (W)
0.5
VCC = +5V
RL = 32
1MHz
125kHz
250kHz
500kHz
0
30
20
10
40
50
60
70
80
90
100
0
0.6
0.3
0.9
1.2
1.5
1.8
MAX4295 EFFICIENCY
vs. OUTPUT POWER (fIN = 1kHz)
OUTPUT POWER (W)
VCC = +5V
RL = 8
1MHz
125kHz
250kHz
500kHz
0
30
20
10
40
50
60
70
80
90
100
0
0.4
0.2
0.6
0.8
MAX4295 EFFICIENCY
vs. OUTPUT POWER (fIN = 1kHz)
OUTPUT POWER (W)
VCC = +3V
RL = 4
1MHz
125kHz
250kHz
500kHz
0
30
20
10
40
50
60
70
80
90
100
0
0.4
0.2
0.6
0.8
MAX4295 EFFICIENCY
vs. OUTPUT POWER (fIN = 1kHz)
OUTPUT POWER (W)
VCC = +3V
RL = 8
1MHz
125kHz
250kHz
500kHz
0
30
20
10
40
50
60
70
80
90
100
0
0.10
0.05
0.15
0.20
MAX4295 EFFICIENCY
vs. OUTPUT POWER (fIN = 1kHz)
OUTPUT POWER (W)
VCC = +3V
RL = 32
1MHz
125kHz
250kHz
500kHz
0
30
20
10
40
50
60
70
80
90
100
0
0.2
0.1
0.3
0.4
MAX4297 EFFICIENCY
vs. OUTPUT POWER (fIN = 1kHz)
OUTPUT POWER (W)
0.5
VCC = +5V
RL = 32
1MHz
125kHz
250kHz
500kHz
0
30
20
10
40
50
60
70
80
90
100
0
0.6
0.3
0.9
1.2
MAX4297 EFFICIENCY
vs. OUTPUT POWER (fIN = 1kHz)
OUTPUT POWER (W)
1.5
VCC = +5V
RL = 8
1MHz
125kHz
250kHz
500kHz
0
30
20
10
40
50
60
70
80
90
100
0
1.0
0.5
1.5
2.0
MAX4297 EFFICIENCY
vs. OUTPUT POWER (fIN = 1kHz)
OUTPUT POWER (W)
2.5
VCC = +5V
RL = 4
1MHz
125kHz
250kHz
500kHz


Similar Part No. - MAX4297

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4291 MAXIM-MAX4291 Datasheet
397Kb / 16P
   Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00
MAX4291EUK-T MAXIM-MAX4291EUK-T Datasheet
397Kb / 16P
   Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00
MAX4291EXK-T MAXIM-MAX4291EXK-T Datasheet
397Kb / 16P
   Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00
MAX4292 MAXIM-MAX4292 Datasheet
397Kb / 16P
   Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00
MAX4294 MAXIM-MAX4294 Datasheet
397Kb / 16P
   Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00
More results

Similar Description - MAX4297

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295_V01 Datasheet
537Kb / 15P
   Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
logo
Texas Instruments
LM4835 TI1-LM4835 Datasheet
1Mb / 34P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers
logo
Microsemi Corporation
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
   Filterless 2W Class-D Stereo Audio Amplifier
logo
Analog Devices
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
   2W, Filterless, Class-D Stereo Audio Amplifier
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
   Mono 2W Class D Amplifier
Rev 0; 8/09
MAX9830 MAXIM-MAX9830_10 Datasheet
1Mb / 12P
   Mono 2W Class D Amplifier
19-4806; Rev 1; 4/10
logo
Texas Instruments
LM4947 TI1-LM4947 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System
logo
Maxim Integrated Produc...
MAX9713 MAXIM-MAX9713 Datasheet
508Kb / 18P
   6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 2; 9/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com