Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4321 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4321
Description  Low-Cost, Low-Voltage, Rail-to-Rail, Input/Output, SOT23 5MHz Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4321 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4321 Datasheet HTML 4Page - Maxim Integrated Products MAX4321 Datasheet HTML 5Page - Maxim Integrated Products MAX4321 Datasheet HTML 6Page - Maxim Integrated Products MAX4321 Datasheet HTML 7Page - Maxim Integrated Products MAX4321 Datasheet HTML 8Page - Maxim Integrated Products MAX4321 Datasheet HTML 9Page - Maxim Integrated Products MAX4321 Datasheet HTML 10Page - Maxim Integrated Products MAX4321 Datasheet HTML 11Page - Maxim Integrated Products MAX4321 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Low-Cost, Low-Voltage, Rail-to-Rail,
Input/Output, SOT23 5MHz Op Amp
8
_______________________________________________________________________________________
Rail-to-Rail Output Stage
The minimum output voltage will be within millivolts of
ground for single-supply operation where the load is
referenced to ground (VEE). Figure 3 shows the input
voltage range and output voltage swing of a MAX4321
connected as a voltage follower. With a +3V supply
and the 100k
Ω load tied to ground, the output swings
from 0.02V to 2.97V. The maximum output voltage
swing depends on the load but will be within 300mV of
a +5V supply, even with the maximum load (250
Ω to
ground).
Driving a capacitive load can cause instability in most
high-speed op amps, especially those with low quies-
cent current. The MAX4321 has a high tolerance for
capacitive loads. It is stable with capacitive loads up to
500pF. Figure 4 gives the stable operating region for
capacitive loads. Figures 5 and 6 show the response
with capacitive loads and the results of adding an isola-
tion resistor in series with the output (Figure 7). The
resistor improves the circuit’s phase margin by isolating
the load capacitor from the op amp’s output.
Figure 3. Rail-to-Rail Input /Output Voltage Range
Figure 4. Capacitive-Load Stability
Figure 5. Small-Signal Transient Response with Capacitive
Load
Figure 6. Transient Response to Capacitive Load with Isolation
Resistor
IN
400ns/div
OUT
AV = +1
CL = 500pF
IN
400ns/div
OUT
AV = +1
CL = 1000pF
RS = 39
IN
2
µs/div
OUT
VCC = 3V
AV = +1
RL = 100k
10,000
100
100
1k
100k
10k
RESISTIVE LOAD (
Ω)
1000
UNSTABLE
REGION
RL TO VEE
VOUT = VCC / 2


Similar Part No. - MAX4321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4322 MAXIM-MAX4322 Datasheet
226Kb / 12P
   Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
MAX4322ESA MAXIM-MAX4322ESA Datasheet
226Kb / 12P
   Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
MAX4322EUA MAXIM-MAX4322EUA Datasheet
226Kb / 12P
   Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
MAX4322EUK-T MAXIM-MAX4322EUK-T Datasheet
226Kb / 12P
   Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
MAX4323 MAXIM-MAX4323 Datasheet
226Kb / 12P
   Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
More results

Similar Description - MAX4321

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
192Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
ISL24020 INTERSIL-ISL24020 Datasheet
194Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28191_0808 INTERSIL-ISL28191_0808 Datasheet
1Mb / 16P
   Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL24020 RENESAS-ISL24020 Datasheet
584Kb / 10P
   Low Cost, 60MHz Rail-to-RailInput-Output Op-Amp
October 2, 2008
logo
Texas Instruments
OPA990 TI1-OPA990 Datasheet
1Mb / 33P
[Old version datasheet]   40-V rail-to-rail input/output, low offset voltage, low power op amp
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com