Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLC8G20LS-310AV Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLC8G20LS-310AV
Description  Power LDMOS transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLC8G20LS-310AV Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLC8G20LS-310AV_15 Datasheet HTML 3Page - NXP Semiconductors BLC8G20LS-310AV_15 Datasheet HTML 4Page - NXP Semiconductors BLC8G20LS-310AV_15 Datasheet HTML 5Page - NXP Semiconductors BLC8G20LS-310AV_15 Datasheet HTML 6Page - NXP Semiconductors BLC8G20LS-310AV_15 Datasheet HTML 7Page - NXP Semiconductors BLC8G20LS-310AV_15 Datasheet HTML 8Page - NXP Semiconductors BLC8G20LS-310AV_15 Datasheet HTML 9Page - NXP Semiconductors BLC8G20LS-310AV_15 Datasheet HTML 10Page - NXP Semiconductors BLC8G20LS-310AV_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
BLC8G20LS-310AV
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 6 May 2015
7 of 15
NXP Semiconductors
BLC8G20LS-310AV
Power LDMOS transistor
7.5 Graphical data
7.5.1 Pulsed CW
Table 15.
List of components
See Figure 2 for component layout.
Component
Description
Value
Remarks
C1, C2, C3, C4, C9, C11,
C14, C16, C17, C19
multilayer ceramic chip capacitor
18 pF
Murata 0805
C5, C6, C10, C12, C13,
C15, C20
multilayer ceramic chip capacitor
10
F
C21, C22
electrolytic capacitor
470
F, 63 V
C6
multilayer ceramic chip capacitor
2.4 pF
R1
SMD resistor
50
, 12 W
Anaren 2010
R2, R3
wire resistor
5.1
Vishay Dale 0805
R4
wire resistor
1.2 k
SMD 0805
R5
wire resistor
3.9 k
SMD 0805
VDS =28V; IDq = 650 mA (main); VGS(amp)peak =0.5 V;
tp = 100 s;  =10 %.
(1) f = 1930 MHz
(2) f = 1962.5 MHz
(3) f = 1995 MHz
VDS =28V; IDq = 650 mA (main); VGS(amp)peak =0.5 V;
tp = 100 s;  =10 %.
(1) f = 1930 MHz
(2) f = 1962.5 MHz
(3) f = 1995 MHz
Fig 3.
Drain efficiency as a function of output power;
typical values
Fig 4.
Power gain as a function of output power;
typical values


Similar Part No. - BLC8G20LS-310AV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLC8G20LS-400AV PHILIPS-BLC8G20LS-400AV_15 Datasheet
225Kb / 15P
   Power LDMOS transistor
Rev. 1-26 March 2015
More results

Similar Description - BLC8G20LS-310AV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com