Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4222 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4222
Description  High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4222 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4222 Datasheet HTML 1Page - Maxim Integrated Products MAX4222 Datasheet HTML 2Page - Maxim Integrated Products MAX4222 Datasheet HTML 3Page - Maxim Integrated Products MAX4222 Datasheet HTML 4Page - Maxim Integrated Products MAX4222 Datasheet HTML 5Page - Maxim Integrated Products MAX4222 Datasheet HTML 6Page - Maxim Integrated Products MAX4222 Datasheet HTML 7Page - Maxim Integrated Products MAX4222 Datasheet HTML 8Page - Maxim Integrated Products MAX4222 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
_________________General Description
The MAX4214/MAX4215/MAX4217/MAX4219/MAX4222
are precision, closed-loop, gain of +2 (or -1) buffers
featuring high slew rates, high output current drive, and
low differential gain and phase error. They operate with
a single +3.15V to +11V supply or with ±1.575V to ±5.5V
dual supplies. The input common-mode voltage range
extends 100mV beyond the negative power-supply rail,
and the output swings Rail-to-Rail®.
These devices require only 5.5mA of quiescent supply
current while achieving a 230MHz -3dB bandwidth and
a 600V/µs slew rate. In addition, the MAX4215/
MAX4219 have a disable feature that reduces the sup-
ply current to 400µA per buffer. Input voltage noise is
only 10nV/
√Hz, and input current noise is only
1.3pA/
√Hz. This buffer family is ideal for low-power/low-
voltage applications requiring wide bandwidth, such as
video, communications, and instrumentation systems.
For space-sensitive applications, the MAX4214 comes
in a miniature 5-pin SOT23 package.
________________________Applications
Battery-Powered Instruments
Video Line Driver
Analog-to-Digital Converter Interface
CCD Imaging Systems
Video Routing and Switching Systems
Video Multiplexing Applications
____________________________Features
o Internal Precision Resistors for Closed-Loop
Gains of +2V/V or -1V/V
o High Speed:
230MHz -3dB Bandwidth
90MHz 0.1dB Gain Flatness (MAX4219/22)
600V/µs Slew Rate
o Single 3.3V/5.0V Operation
o Outputs Swing Rail-to-Rail
o Input Common-Mode Range Extends Beyond VEE
o Low Differential Gain/Phase Error: 0.03%/0.04°
o Low Distortion at 5MHz:
-72dBc SFDR
-71dB Total Harmonic Distortion
o High Output Drive: ±120mA
o Low 5.5mA Supply Current
o 400µA Shutdown Supply Current (MAX4215/19)
o Space-Saving SOT23-5, µMAX, or QSOP Packages
High-Speed, Single-Supply, Gain of +2,
Closed-Loop, Rail-to-Rail Buffers with Enable
________________________________________________________________
Maxim Integrated Products
1
VEE
IN-
IN+
1
5
VCC
OUT
MAX4214
SOT23-5
TOP VIEW
2
3
4
19-4754; Rev 0; 12/97
PART
MAX4214EUK-T
MAX4215ESA
MAX4215EUA
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
5 SOT23-5
8 SO
8 µMAX
Typical Application Circuit appears at end of data sheet.
Rail-to-Rail is a registered trademark of Nippon Motorola, Inc.
Pin Configurations continued at end of data sheet.
NO. OF
AMPS
ENABLE
MAX4214
1
No
MAX4215
1
Yes
PART
PIN-PACKAGE
5 SOT23
8 SO/µMAX
MAX4217
2
No
MAX4219
3
Yes
8 SO/µMAX
14 SO, 16 QSOP
MAX4222
4
No
14 SO, 16 QSOP
SOT
TOP MARK
ABAH
__________________Pin Configurations
_______________Ordering Information
______________________Selector Guide
MAX4217ESA
MAX4217EUA
-40°C to +85°C
-40°C to +85°C
8 SO
8 µMAX
MAX4219ESD
MAX4219EEE
-40°C to +85°C
-40°C to +85°C
14 SO
16 QSOP
MAX4222ESD
MAX4222EEE
-40°C to +85°C
-40°C to +85°C
14 SO
16 QSOP


Similar Part No. - MAX4222

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4220 MAXIM-MAX4220 Datasheet
345Kb / 16P
   Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Rev 3; 10/03
MAX4220EEE MAXIM-MAX4220EEE Datasheet
345Kb / 16P
   Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Rev 3; 10/03
MAX4220ESD MAXIM-MAX4220ESD Datasheet
345Kb / 16P
   Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Rev 3; 10/03
MAX4221 MAXIM-MAX4221 Datasheet
100Kb / 12P
   330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
MAX4221CSE MAXIM-MAX4221CSE Datasheet
100Kb / 12P
   330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
More results

Similar Description - MAX4222

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4014 MAXIM-MAX4014 Datasheet
119Kb / 12P
   Low-Cost, High-Speed, Single-Supply, Gain of 2 Buffers with Rail-to-Rail Outputs in SOT23
Rev 0; 10/97
MAX4178 MAXIM-MAX4178 Datasheet
201Kb / 12P
   330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
Rev 1; 5/97
MAX4212 MAXIM-MAX4212 Datasheet
345Kb / 16P
   Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Rev 3; 10/03
logo
Texas Instruments
OPA4350-DIE TI1-OPA4350-DIE Datasheet
129Kb / 5P
[Old version datasheet]   HIGH-SPEED, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA353 TI-OPA353 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353 TI1-OPA353_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA350UA TI1-OPA350UA Datasheet
1Mb / 28P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353NA TI-OPA353NA Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail PERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com