Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4252 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4252
Description  SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4252 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4252 Datasheet HTML 7Page - Maxim Integrated Products MAX4252 Datasheet HTML 8Page - Maxim Integrated Products MAX4252 Datasheet HTML 9Page - Maxim Integrated Products MAX4252 Datasheet HTML 10Page - Maxim Integrated Products MAX4252 Datasheet HTML 11Page - Maxim Integrated Products MAX4252 Datasheet HTML 12Page - Maxim Integrated Products MAX4252 Datasheet HTML 13Page - Maxim Integrated Products MAX4252 Datasheet HTML 14Page - Maxim Integrated Products MAX4252 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
power supply with a 0.1µF ceramic capacitor placed
close to the VDD pin. If operating from dual supplies,
bypass each supply to ground.
Good layout improves performance by decreasing the
amount of stray capacitance and noise at the op amp’s
inputs and output. To decrease stray capacitance, min-
imize PC board trace lengths and resistor leads, and
place external components close to the op amp’s pins.
TRANSISTOR COUNTS:
MAX4250/MAX4251/MAX4255/MAX4256: 170
MAX4249/MAX4252/MAX4253/MAX4257: 340
MAX4254: 680
SOT23, Single-Supply, Low-Noise,
Low-Distortion, Rail-to-Rail Op Amps
______________________________________________________________________________________
11
160
140
0
10
10,000
60
20
40
120
100
80
CAPACITIVE LOADING (pF)
1000
100
SHADED AREA INDICATES
STABLE OPERATION
WITH NO NEED FOR
ISOLATION RESISTOR.
NOTE: USING AN ISOLATION RESISTOR REDUCES PEAKING.
Figure 6. Isolation Resistance vs. Capacitive Loading to
Minimize Peaking (<2dB)
25
20
0
10
10,000
15
5
10
CAPACITIVE LOAD (pF)
1000
100
MAX4250–MAX4254 (AV = +1)
MAX4249/MAX4255–MAX4257 (AV = +10)
RISO = 0
SHADED AREA INDICATES
STABLE OPERATION
WITH NO NEED FOR
ISOLATION RESISTOR.
Figure 7. Peaking vs. Capacitive Load
4.5
3.5
4.0
0
10
10,000
2.0
3.0
2.5
1.0
0.5
1.5
CAPACITIVE LOAD (pF)
1000
100
VDD = 3V
SHADED AREA INDICATES
STABLE OPERATION
WITH NO NEED FOR
ISOLATION RESISTOR.
NOTE: RISO CHOSEN FOR PEAKING <2dB.
Figure 8. MAX4250–MAX4254 Unity-Gain Bandwidth vs.
Capacitive Load
Ordering Information (continued)
___________________Chip Information
8 µMAX
8 SO
-40°C to +85°C
-40°C to +85°C
MAX4257EUA
MAX4257ESA
8 µMAX
8 SO
-40°C to +85°C
-40°C to +85°C
MAX4256EUA
MAX4256ESA
ACCJ
5 SOT23-5
-40°C to +85°C
MAX4255EUK-T
14 SO
14 SO
-40°C to +85°C
-40°C to +85°C
MAX4254ESD
MAX4253ESD
10 µMAX
8 µMAX
-40°C to +85°C
-40°C to +85°C
MAX4253EUB
MAX4252EUA
8 SO
8 µMAX
-40°C to +85°C
-40°C to +85°C
MAX4252ESA
MAX4251EUA
8 SO
PIN-
PACKAGE
TEMP. RANGE
-40°C to +85°C
SOT
TOP MARK
MAX4251ESA
PART


Similar Part No. - MAX4252

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4252 MAXIM-MAX4252 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4252 MAXIM-MAX4252 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4252EBL+T MAXIM-MAX4252EBL+T Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4252ESA++ MAXIM-MAX4252ESA+ Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4252EUA++ MAXIM-MAX4252EUA+ Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
More results

Similar Description - MAX4252

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com