Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4225ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4225ESA
Description  1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4225ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4225ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4225ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4225ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4225ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4225ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4225ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4225ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4225ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4225ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
_______________General Description
The MAX4223–MAX4228 current-feedback amplifiers
combine ultra-high-speed performance, low distortion,
and excellent video specifications with low-power oper-
ation. The MAX4223/MAX4224/MAX4226/MAX4228
have a shutdown feature that reduces power-supply
current to 350µA and places the outputs into a high-
impedance state. These devices operate with dual sup-
plies ranging from ±2.85V to ±5.5V and provide a
typical output drive current of 80mA. The MAX4223/
MAX4225/MAX4226 are optimized for a closed-loop
gain of +1 (0dB) or more and have a -3dB bandwidth of
1GHz, while the MAX4224/MAX4227/MAX4228 are
compensated for a closed-loop gain of +2 (6dB) or
more, and have a -3dB bandwidth of 600MHz (1.2GHz
gain-bandwidth product).
The MAX4223–MAX4228 are ideal for professional video
applications, with differential gain and phase errors of
0.01% and 0.02°, 0.1dB gain flatness of 300MHz, and a
1100V/µs slew rate. Total harmonic distortion (THD) of
-60dBc (10MHz) and an 8ns settling time to 0.1% suit
these devices for driving high-speed analog-to-digital
inputs or for data-communications applications. The low-
power shutdown mode on the MAX4223/MAX4224/
MAX4226/MAX4228 makes them suitable for portable
and battery-powered applications. Their high output
impedance in shutdown mode is excellent for multiplex-
ing applications.
The single MAX4223/MAX4224 are available in space-
saving 6-pin SOT23 packages. All devices are available
in the extended -40°C to +85°C temperature range.
________________________Applications
ADC Input Buffers
Data Communications
Video Cameras
Video Line Drivers
Video Switches
Video Multiplexing
Video Editors
XDSL Drivers
RF Receivers
Differential Line Drivers
____________________________Features
o Ultra-High Speed and Fast Settling Time:
1GHz -3dB Bandwidth (MAX4223, Gain = +1)
600MHz -3dB Bandwidth (MAX4224, Gain = +2)
1700V/µs Slew Rate (MAX4224)
5ns Settling Time to 0.1% (MAX4224)
o Excellent Video Specifications (MAX4223):
Gain Flatness of 0.1dB to 300MHz
0.01%/0.02° DG/DP Errors
o Low Distortion:
-60dBc THD (fc = 10MHz)
42dBm Third-Order Intercept (f = 30MHz)
o 6.0mA Quiescent Supply Current (per amplifier)
o Shutdown Mode:
350µA Supply Current (per amplifier)
100k
Ω Output Impedance
o High Output Drive Capability:
80mA Output Current
Drives up to 4 Back-Terminated 75
Ω Loads to
±2.5V while Maintaining Excellent Differential
Gain/Phase Characteristics
o Available in Tiny 6-Pin SOT23 and 10-Pin µMAX
Packages
1GHz, Low-Power, SOT23,
Current-Feedback Amplifiers with Shutdown
________________________________________________________________
Maxim Integrated Products
1
VEE
IN-
IN+
1
6
VCC
5
SHDN
OUT
MAX4223
MAX4224
SOT23-6
TOP VIEW
2
3
4
_________________Pin Configurations
19-1230; Rev 2a; 6/97
PART
MAX4223EUT-T
MAX4223ESA
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
6 SOT23
8 SO
EVALUATION
KIT
AVAILABLE
______________Ordering Information
_____________________Selector Guide
Pin Configurations
continued at end
of data sheet.
Ordering Information continued at end of data sheet.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
For small orders, phone 408-737-7600 ext. 3468.
SOT
TOP MARK
AAAD
10 µMAX,
14 SO
8 SO
10 µMAX,
14 SO
8 SO
6 SOT23, 8 SO
6 SOT23, 8 SO
PIN-
PACKAGE
Yes
No
Yes
No
Yes
Yes
SHUT-
DOWN
MODE
2
2
2
2
1
1
AMPS
PER
PKG.
2
2
MAX4227
MAX4228
1
PART
1
MAX4225
MAX4226
2
1
MAX4223
MAX4224
MIN.
GAIN


Similar Part No. - MAX4225ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4220 MAXIM-MAX4220 Datasheet
345Kb / 16P
   Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Rev 3; 10/03
MAX4220EEE MAXIM-MAX4220EEE Datasheet
345Kb / 16P
   Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Rev 3; 10/03
MAX4220ESD MAXIM-MAX4220ESD Datasheet
345Kb / 16P
   Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Rev 3; 10/03
MAX4221 MAXIM-MAX4221 Datasheet
100Kb / 12P
   330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
MAX4221CSE MAXIM-MAX4221CSE Datasheet
100Kb / 12P
   330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
More results

Similar Description - MAX4225ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4180 MAXIM-MAX4180 Datasheet
364Kb / 24P
   Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2; 8/98
logo
Linear Technology
LT1399HV LINER-LT1399HV_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1398 LINER-LT1398 Datasheet
229Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1259 LINER-LT1259 Datasheet
319Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1398 LINER-LT1398_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399 LINER-LT1399_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1260 LINER-LT1260_15 Datasheet
335Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1259 LINER-LT1259_15 Datasheet
335Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
logo
Intersil Corporation
EL5191 INTERSIL-EL5191_07 Datasheet
440Kb / 20P
   1GHz Current Feedback Amplifier with Enable
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com