Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4285 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4285
Description  3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4285 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4285 Datasheet HTML 4Page - Maxim Integrated Products MAX4285 Datasheet HTML 5Page - Maxim Integrated Products MAX4285 Datasheet HTML 6Page - Maxim Integrated Products MAX4285 Datasheet HTML 7Page - Maxim Integrated Products MAX4285 Datasheet HTML 8Page - Maxim Integrated Products MAX4285 Datasheet HTML 9Page - Maxim Integrated Products MAX4285 Datasheet HTML 10Page - Maxim Integrated Products MAX4285 Datasheet HTML 11Page - Maxim Integrated Products MAX4285 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
+3V/+5V, 250MHz, SOT23 ADC Buffer Amplifiers
with High-Speed Disable
8
_______________________________________________________________________________________
INPUT
50mV/
div
OUTPUT
50mV/
div
MAX4285/MAX4287/MAX4288
SMALL-SIGNAL PULSE RESPONSE
(AV = +1V/V)
TIME (5ns/div)
INPUT
10mV/
div
OUTPUT
50mV/
div
TIME (5ns/div)
MAX4286/MAX4387/MAX4388
SMALL-SIGNAL PULSE RESPONSE
(AV = +5V/V)
INPUT
50mV/
div
OUTPUT
50mV/
div
MAX4285/MAX4287/MAX4288
SMALL-SIGNAL PULSE RESPONSE
(CLOAD = 22pF, AV = +1V/V)
TIME (5ns/div)
INPUT
10mV/
div
OUTPUT
50mV/
div
TIME (5ns/div)
MAX4286/MAX4387/MAX4388
SMALL-SIGNAL PULSE RESPONSE
(CLOAD = 47pF, AV = +5V/V)
100M
1G
-60
-50
-40
-20
-30
-10
0
100k
1M
10M
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10
14
12
18
16
22
20
24
40
100
130
70
160
190
220
250
ISOLATION RESISTANCE
vs. LOAD CAPACITANCE
CLOAD (pF)
MAX4286/MAX4387/MAX4388
AV = +5V/V
MAX4285/87/88
AV = +1V/V
100M
1G
0
0.6
0.4
0.2
0.8
1.0
1.2
1.6
1.4
1.8
2.0
100k
1M
10M
GROUP DELAY vs. FREQUENCY
FREQUENCY (Hz)
100M
1G
-100
-70
-80
-90
-60
-50
-40
-20
-30
-10
0
100k
1M
10M
COMMON-MODE REJECTION
vs. FREQUENCY
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
100
0.01
0.1
1
10
Typical Operating Characteristics (continued)
(VCC = +3V, VEE = 0, DISABLE_
≥ 2V, RL = 300Ω to VCC/2, VCM = +1.0V, TA =+25°C, unless otherwise noted.)


Similar Part No. - MAX4285

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4281 MAXIM-MAX4281 Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4281ESA MAXIM-MAX4281ESA Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4281EUK-T MAXIM-MAX4281EUK-T Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4282 MAXIM-MAX4282 Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4282ESA MAXIM-MAX4282ESA Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
More results

Similar Description - MAX4285

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
   Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
MAX4190ESA MAXIM-MAX4190ESA Datasheet
783Kb / 23P
   Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
MAX4460 MAXIM-MAX4460_V01 Datasheet
431Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
2006
MAX4460 MAXIM-MAX4460 Datasheet
439Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
Rev 2; 11/02
logo
Intersil Corporation
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Maxim Integrated Produc...
MAX9504 MAXIM-MAX9504 Datasheet
474Kb / 10P
   3V/5V, 6dB Video Amplifiers with High Output-Current Capability
19-3750; Rev 0; 7/05
MAX9504A MAXIM-MAX9504A Datasheet
474Kb / 10P
   3V/5V, 6dB Video Amplifiers with High Output-Current Capability
19-3750; Rev 0; 7/05
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com