Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4219EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4219EEE
Description  High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4219EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4219EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4219EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4219EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4219EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4219EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4219EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4219EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4219EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4219EEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
As the load resistance decreases, the useful input range
is effectively limited by the output drive capability, since
the buffers have a fixed voltage gain of +2V/V or -1V/V.
For example, a 50
Ω load can typically be driven from
40mV above VEE to 1.6V below VCC, or 40mV to 3.4V
when operating from a single +5V supply. If the buffer
is operated in the noninverting, gain of +2V/V configu-
ration with the inverting input grounded, the useful input
voltage range becomes 20mV to 1.7V instead of the
-100mV to 2.75V indicated by the
Electrical Charac
teristics. Beyond the useful input range, the buffer out-
put is a nonlinear function of the input, but it will not
undergo phase reversal or latchup.
Enable
The MAX4215 and MAX4219 have an enable feature
(EN_) that allows the buffer to be placed in a low-power
state. When the buffers are disabled, the supply current
is reduced to 400µA per buffer.
As the voltage at the EN_ pin approaches the negative
supply rail, the EN_ input current rises. Figure 2 shows
a graph of EN_ input current versus EN_ pin voltage.
Figure 3 shows the addition of an optional resistor in
series with the EN pin, to limit the magnitude of the cur-
rent increase. Figure 4 displays the resulting EN pin
input current to voltage relationship.
Disabled Output Resistance
The MAX4214/MAX4215/MAX4217/MAX4219/MAX4222
include internal protection circuitry that prevents dam-
age to the precision input stage from large differential
input voltages (Figure 5). This protection circuitry con-
sists of five back-to-back Schottky diodes between
IN_+ and IN_-. These diodes reduce the disabled out-
put resistance from 1k
Ω to 500Ω when the output volt-
age is 3V greater or less than the voltage at IN_+.
Under these conditions, the input protection diodes will
be forward biased, lowering the disabled output resis-
tance to 500
Ω.
Output Capacitive Loading and Stability
The MAX4214 family provides maximum AC perfor-
mance with no load capacitance. This is the case when
the load is a properly terminated transmission line.
These devices are designed to drive up to 20pF of load
capacitance without oscillating, but AC performance
will be reduced under these conditions.
High-Speed, Single-Supply, Gain of +2,
Closed-Loop, Rail-to-Rail Buffers with Enable
10
______________________________________________________________________________________
20
-160
0
100
300
500
-100
-120
0
VIL (mV ABOVE VEE)
200
400
-60
-140
-20
-40
-80
Figure 2. Enable Logic-Low Input Current vs. Enable Logic-
Low Threshold
OUT
IN-
EN_
IN+
10k
ENABLE
500
500
MAX42_ _
Figure 3. Circuit to Reduce Enable Logic-Low Input Current
0
-10
0
100
300
500
-7
-8
-1
VIL (mV ABOVE VEE)
200
400
-3
-5
-9
-2
-4
-6
Figure 4. Enable Logic-Low Input Current vs. Enable Logic-
Low Threshold with 10k
Ω Series Resistor


Similar Part No. - MAX4219EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210 Datasheet
620Kb / 32P
   High-Side Power and Current Monitors
Rev 0; 6/04
MAX4210 MAXIM-MAX4210 Datasheet
676Kb / 32P
   High-Side Power and Current Monitors
Rev 1; 5/05
MAX4210-MAX4211 MAXIM-MAX4210-MAX4211 Datasheet
620Kb / 32P
   High-Side Power and Current Monitors
Rev 0; 6/04
MAX4210A MAXIM-MAX4210A Datasheet
309Kb / 4P
   MAX4210E Evaluation Kit
Rev 0; 7/04
MAX4210AETT MAXIM-MAX4210AETT Datasheet
620Kb / 32P
   High-Side Power and Current Monitors
Rev 0; 6/04
More results

Similar Description - MAX4219EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4014 MAXIM-MAX4014 Datasheet
119Kb / 12P
   Low-Cost, High-Speed, Single-Supply, Gain of 2 Buffers with Rail-to-Rail Outputs in SOT23
Rev 0; 10/97
MAX4178 MAXIM-MAX4178 Datasheet
201Kb / 12P
   330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
Rev 1; 5/97
MAX4212 MAXIM-MAX4212 Datasheet
345Kb / 16P
   Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Rev 3; 10/03
logo
Texas Instruments
OPA4350-DIE TI1-OPA4350-DIE Datasheet
129Kb / 5P
[Old version datasheet]   HIGH-SPEED, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA353 TI-OPA353 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353 TI1-OPA353_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA350UA TI1-OPA350UA Datasheet
1Mb / 28P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353NA TI-OPA353NA Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail PERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com